Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F18344-I/SS Datasheet(PDF) 67 Page - Microchip Technology

Part # PIC16F18344-I/SS
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  489 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18344-I/SS Datasheet(HTML) 67 Page - Microchip Technology

Back Button PIC16F18344-I/SS Datasheet HTML 63Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 64Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 65Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 66Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 67Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 68Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 69Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 70Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 489 page
background image
 2015-2017 Microchip Technology Inc.
DS40001800C-page 67
PIC16(L)F18324/18344
5.7
Register Definitions: Device and Revision
REGISTER 5-5:
DEVID: DEVICE ID REGISTER
RRRRRR
DEV<13:8>
bit 13
bit 8
RRRRRRRR
DEV<7:0>
bit 7
bit 0
Legend:
R = Readable bit
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 13-0
DEV<13:0>:
Device ID bits
REGISTER 5-6:
REVID: REVISION ID REGISTER
R-1
R-0
RRRR
REV<13:8>
bit 13
bit 8
RRRRRRRR
REV<7:0>
bit 7
bit 0
Legend:
R = Readable bit
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 13-0
REV<13:0>:
Revision ID bits
Note:
The upper two bits of the Revision ID Register will always read ‘10’.
Device
DEVID<13:0> Values
PIC16F18324
11 0000 0011 1010
(303Ah)
PIC16LF18324
11 0000 0011 1100
(303Ch)
PIC16F18344
11 0000 0011 1011
(303Bh)
PIC16LF18344
11 0000 0011 1101
(303Dh)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com