Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F18344-I/SS Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC16F18344-I/SS
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  489 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18344-I/SS Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC16F18344-I/SS Datasheet HTML 17Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 18Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 19Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 20Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 21Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 22Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 23Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 24Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 489 page
background image
 2015-2017 Microchip Technology Inc.
DS40001800C-page 21
PIC16(L)F18324/18344
2.3
Master Clear (MCLR) Pin
The MCLR pin provides three specific device functions:
• Device Reset (when MCLRE = 1)
• Digital input pin (when MCLRE = 0)
• Device Programming and Debugging
If programming and debugging are not required in the
end
application
then
either
set
the
MCLRE
configuration bit to ‘1’ and use the pin as a digital input
or clear the MCLRE Configuration bit and leave the pin
open to use the internal weak pull-up. The addition of
other components, to help increase the application’s
resistance to spurious Resets from voltage sags, may
be beneficial. A typical configuration is shown in
Figure 2-1. Other circuit designs may be implemented,
depending on the application’s requirements.
During programming and debugging, the resistance
and capacitance that can be added to the pin must be
considered. Device programmers and debuggers drive
the MCLR pin. Consequently, specific voltage levels
(VIH and VIL) and fast signal transitions must not be
adversely affected.
Therefore,
the
programmer
MCLR/VPP output should be connected directly to the
pin so that R1 isolates the capacitor, C1 from the MCLR
pin during programming and debugging operations.
Any components associated with the MCLR pin should
be placed within 0.25 inch (6 mm) of the pin.
2.4
ICSP™ Pins
The ICSPCLK and ICSPDAT pins are used for
In-Circuit
Serial
Programming™
(ICSP™)
and
debugging purposes. It is recommended to keep the
trace length between the ICSP connector and the ICSP
pins on the device as short as possible. If the ICSP
connector is expected to experience an ESD event, a
series resistor is recommended, with the value in the
range of a few tens of ohms, not to exceed 100Ω.
Pull-up resistors, series diodes and capacitors on the
ICSPCLK and ICSPDAT pins are not recommended as
they will interfere with the programmer/debugger
communications to the device. If such discrete
components are an application requirement, they
should be isolated from the programmer by resistors
between the application and the device pins or
removed from the circuit during programming.
Alternatively, refer to the AC/DC characteristics and
timing requirements information in the respective
device Flash programming specification for information
on capacitive loading limits, and pin input voltage high
(VIH) and input low (VIL) requirements.
For device emulation, ensure that the “Communication
Channel Select” (i.e., ICSPCLK/ICSPDAT pins),
programmed into the device, matches the physical
connections for the ICSP to the Microchip debugger/
emulator tool.
For
more
information
on
available
Microchip
development tools connection requirements, refer to
Section 37.0 “Development Support”
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com