Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F18344-I/SS Datasheet(PDF) 49 Page - Microchip Technology

Part # PIC16F18344-I/SS
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  489 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18344-I/SS Datasheet(HTML) 49 Page - Microchip Technology

Back Button PIC16F18344-I/SS Datasheet HTML 45Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 46Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 47Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 48Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 49Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 50Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 51Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 52Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 489 page
background image
Bank 29
CPU CORE REGISTERS; see Table 4-2 for specifics
E8Dh
―
―
Unimplemented
―
―
E8Eh
―
―
Unimplemented
―
―
E8Fh
―
―
Unimplemented
―
―
E90h
RA0PPS
―
―
―
RA0PPS<4:0>
---0 0000
---u uuuu
E91h
RA1PPS
―
―
―
RA1PPS<4:0>
---0 0000
---u uuuu
E92h
RA2PPS
―
―
―
RA2PPS<4:0>
---0 0000
---u uuuu
E93h
―
―
Unimplemented
―
―
E94h
RA4PPS
―
―
―
RA4PPS<4:0>
---0 0000
---u uuuu
E95h
RA5PPS
―
―
―
RA5PPS<4:0>
---0 0000
---u uuuu
E96h
―
―
Unimplemented
―
―
E97h
―
―
Unimplemented
―
―
E98h
―
―
Unimplemented
―
―
E99h
―
―
Unimplemented
―
―
E9Ah
―
―
Unimplemented
―
―
E9Bh
―
―
Unimplemented
―
―
E9Ch
RB4PPS
X ―
Unimplemented
―
―
― X
―
―
―
RB4PPS<4:0>
---0 0000
---u uuuu
E9Dh
RB5PPS
X ―
Unimplemented
―
―
― X
―
―
―
RB5PPS<4:0>
---0 0000
---u uuuu
E9Eh
RB6PPS
X ―
Unimplemented
―
―
― X
―
―
―
RB6PPS<4:0>
---0 0000
---u uuuu
E9Fh
RB7PPS
X ―
Unimplemented
―
―
― X
―
―
―
RB7PPS<4:0>
---0 0000
---u uuuu
TABLE 4-4:
SPECIAL FUNCTION REGISTER SUMMARY BANKS 0-31 (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on
all other
Resets
Legend:
x
= unknown, u = unchanged, q =depends on condition, - = unimplemented, read as ‘0’, r = reserved. Shaded locations unimplemented, read as ‘0’.
Note
1:
Only on PIC16F18324/18344.
2:
Register accessible from both User and ICD Debugger.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com