Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F18344-I/SS Datasheet(PDF) 71 Page - Microchip Technology

Part # PIC16F18344-I/SS
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  489 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18344-I/SS Datasheet(HTML) 71 Page - Microchip Technology

Back Button PIC16F18344-I/SS Datasheet HTML 67Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 68Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 69Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 70Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 71Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 72Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 73Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 74Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 489 page
background image
 2015-2017 Microchip Technology Inc.
DS40001800C-page 71
PIC16(L)F18324/18344
6.3
Low-Power Brown-out Reset
(LPBOR)(PIC16LF18324/18344
Devices Only)
The Low-Power Brown-Out Reset (LPBOR) circuit
provides alternative protection against Brown-out
conditions for the PIC16LF18324/18344 devices.
When VDD falls below the LPBOR threshold, the device
is held in Reset. When this occurs, the BOR bit of the
PCON0 register is cleared to indicate that a Brown-out
Reset occurred. The BOR bit will be cleared when
either the BOR or the LPBOR circuitry detects a BOR
condition. The LPBOR feature can be used with or
without BOR enabled.
When used while BOR is enabled, the LPBOR can be
used as a secondary protection circuit in case the BOR
circuit fails to detect the BOR condition. Additionally,
when BOR is enabled except while in Sleep
(BOREN<1:0> = 10), the LPBOR circuit will hold the
device in Reset while VDD is lower than the LPBOR
threshold, and will also re-arm the POR. (See
Table 35-11 for LPBOR Reset voltage levels).
When used without BOR enabled, the LPBOR circuit
provides a single Reset trip point with the benefit of
reduced current consumption.
6.3.1
ENABLING LPBOR
The LPBOR is controlled by the LPBOR bit of
Configuration Words. When the device is erased, the
LPBOR module defaults to disabled.
6.3.1.1
LPBOR Module Output
The output of the LPBOR module is a signal indicating
whether or not a Reset is to be asserted. This signal is
OR’d together with the Reset signal of the BOR
module to provide the generic BOR signal, which goes
to the PCON0 register and to the power control block.
6.4
MCLR
The MCLR is an optional external input that can reset
the device. The MCLR function is controlled by the
MCLRE bit of Configuration Words and the LVP bit of
Configuration Words (Table 6-2).
6.4.1
MCLR ENABLED
When MCLR is enabled and the pin is held low, the
device is held in Reset. The MCLR pin is connected to
VDD through an internal weak pull-up.
The device has a noise filter in the MCLR Reset path.
The filter will detect and ignore small pulses.
6.4.2
MCLR DISABLED
When MCLR is disabled, the pin functions as a general
purpose input and the internal weak pull-up is under
software
control.
See
Section 12.2
“PORTA
Registers”
for more information.
6.5
Watchdog Timer (WDT) Reset
The Watchdog Timer generates a Reset if the firmware
does not issue a CLRWDT instruction within the time-out
period. The TO and PD bits in the STATUS register as
well as the RWDT bit in the PCON0 register, are
changed to indicate the WDT Reset. See Section 10.0
“Watchdog Timer (WDT)”
for more information.
6.6
RESET
Instruction
A RESET instruction will cause a device Reset. The RI
bit in the PCON0 register will be set to ‘0’. See Table 6-4
for default conditions after a RESET instruction has
occurred.
6.7
Stack Overflow/Underflow Reset
The device can reset when the Stack Overflows or
Underflows. The STKOVF or STKUNF bits of the
PCON0 register indicate the Reset condition. These
Resets are enabled by setting the STVREN bit in
Configuration Words. See Section 4.4 “Stack” for more
information.
6.8
Programming Mode Exit
Upon exit of Programming mode, the device will
behave as if a device Reset had just occurred.
6.9
Power-up Timer
The Power-up Timer provides a nominal 64 ms
time-out on POR or Brown-out Reset.
The device is held in Reset as long as PWRT is active.
The PWRT delay allows additional time for the VDD to
rise to an acceptable level. The Power-up Timer is
enabled by clearing the PWRTE bit in Configuration
Words.
The Power-up Timer starts after the release of the POR
and BOR.
For additional information, refer to Application Note
AN607, “Power-up Trouble Shooting” (DS00607).
TABLE 6-2:
MCLR CONFIGURATION
MCLRE
LVP
MCLR
00
Disabled
10
Enabled
x1
Enabled
Note:
A Reset does not drive the MCLR pin low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com