Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F18344-I/SS Datasheet(PDF) 89 Page - Microchip Technology

Part # PIC16F18344-I/SS
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  489 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18344-I/SS Datasheet(HTML) 89 Page - Microchip Technology

Back Button PIC16F18344-I/SS Datasheet HTML 85Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 86Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 87Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 88Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 89Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 90Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 91Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 92Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 489 page
background image
 2015-2017 Microchip Technology Inc.
DS40001800C-page 89
PIC16(L)F18324/18344
TABLE 7-1:
NOSC/COSC BIT SETTINGS
NOSC<2:0>
COSC<2:0>
Clock Source
111
EXTOSC(1)
110
HFINTOSC (1 MHz)
101
Reserved
100
LFINTOSC
011
SOSC
010
Reserved
001
EXTOSC with 4xPLL(1)
000
HFINTOSC with 2x PLL
(32 MHz)
Note 1:
EXTOSC configured by the FEXTOSC
bits of Configuration Word 1
(Register 5-1).
TABLE 7-2:
NDIV/CDIV BIT SETTINGS
NDIV<3:0>
CDIV<3:0>
Clock Divider
1111
–1010
Reserved
1001
512
1000
256
0111
128
0110
64
0101
32
0100
16
0011
8
0010
4
0001
2
0000
1
REGISTER 7-3:
OSCCON3: OSCILLATOR CONTROL REGISTER 3
R/W/HC-0/0
R/W-0/0
R/W-0/0
R-0/0
R-0/0
U-0
U-0
U-0
CSWHOLD
SOSCPWR
SOSCBE
ORDY
NOSCR
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
f = determined by fuse setting
q = Reset value is determined by hardware
HC = Hardware clear
bit 7
CSWHOLD:
Clock Switch Hold bit
1
= Clock switch will hold (with interrupt) when the oscillator selected by NOSC is ready
0
= Clock switch may proceed when the oscillator selected by NOSC is ready; if this bit
is set at the time that NOSCR becomes ‘1’, the switch and interrupt will occur.
bit 6
SOSCPWR:
Secondary Oscillator Power Mode Select bit
If SOSCBE = 0
1
= Secondary oscillator operating in High-Power mode
0
= Secondary oscillator operating in Low-Power mode
If SOSCBE = 1
x
= Bit is ignored
bit 5
SOSCBE:
Secondary Oscillator Bypass Enable bit
1
= Secondary oscillator SOSCI is configured as an external clock input (ST-buffer); SOSCO is not
used.
0
= Secondary oscillator is configured as a crystal oscillator using SOSCO and SOSCI pins.
bit 4
ORDY:
Oscillator Ready bit (read-only)
1
= OSCCON1 = OSCCON2; the current system clock is the clock specified by NOSC
0
= A clock switch is in progress
bit 3
NOSCR:
New Oscillator is Ready bit (read-only)
1
= A clock switch is in progress and the oscillator selected by NOSC indicates a Ready condition
0
= A clock switch is not in progress, or the NOSC-selected oscillator is not yet ready
bit 2-0
Unimplemented:
Read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com