Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F18344-I/SS Datasheet(PDF) 36 Page - Microchip Technology

Part # PIC16F18344-I/SS
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  489 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18344-I/SS Datasheet(HTML) 36 Page - Microchip Technology

Back Button PIC16F18344-I/SS Datasheet HTML 32Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 33Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 34Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 35Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 36Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 37Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 38Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 39Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 489 page
background image
Bank 6
CPU CORE REGISTERS; see Table 4-2 for specifics
30Ch
SLRCONA
―
―
SLRA5
SLRA4
―
SLRA2
SLRA1
SLRA0
--11 -111
--11 -111
30Dh
SLRCONB
X ―
Unimplemented
―
―
― X
SLRB7
SLRB6
SLRB5
SLRB4
―
―
―
―
1111 ----
1111 ----
30Eh
SLRCONC
X ―
―
―
SLRC5
SLRC4
SLRC3
SLRC2
SLRC1
SLRC0
--11 1111
--11 1111
― X
SLRC7
SLRC6
SLRC5
SLRC4
SLRC3
SLRC2
SLRC1
SLRC0
1111 1111
1111 1111
30Fh
―
―
Unimplemented
―
―
310h
―
―
Unimplemented
―
―
311h
CCPR3L
CCPR3<7:0>
xxxx xxxx
xxxx xxxx
312h
CCPR3H
CCPR3<15:8>
xxxx xxxx
xxxx xxxx
313h
CCP3CON
CCP3EN
―
CCP3OUT
CCP3FMT
CCP3MODE<3:0>
0-x0 0000
0-x0 0000
314h
CCP3CAP
―
―
―
―
CCP3CTS<3:0>
---- 0000
---- xxxx
315h
CCPR4L
CCPR4<7:0>
xxxx xxxx
xxxx xxxx
316h
CCPR4H
CCPR4<15:8>
xxxx xxxx
xxxx xxxx
317h
CCP4CON
CCP4EN
―
CCP4OUT
CCP4FMT
CCP4MODE<3:0>
0-x0 0000
0-x0 0000
318h
CCP4CAP
―
―
―
―
CCP4CTS<3:0>
---- 0000
---- xxxx
319h to
31Fh
―
―
Unimplemented
―
―
TABLE 4-4:
SPECIAL FUNCTION REGISTER SUMMARY BANKS 0-31 (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on
all other
Resets
Legend:
x
= unknown, u = unchanged, q =depends on condition, - = unimplemented, read as ‘0’, r = reserved. Shaded locations unimplemented, read as ‘0’.
Note
1:
Only on PIC16F18324/18344.
2:
Register accessible from both User and ICD Debugger.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com