Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F18344-I/SS Datasheet(PDF) 91 Page - Microchip Technology

Part # PIC16F18344-I/SS
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  489 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18344-I/SS Datasheet(HTML) 91 Page - Microchip Technology

Back Button PIC16F18344-I/SS Datasheet HTML 87Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 88Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 89Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 90Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 91Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 92Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 93Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 94Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 489 page
background image
 2015-2017 Microchip Technology Inc.
DS40001800C-page 91
PIC16(L)F18324/18344
REGISTER 7-5:
OSCEN: OSCILLATOR MANUAL ENABLE REGISTER
R/W-0/0
R/W-0/0
U-0
R/W-0/0
R/W-0/0
R/W-0/0
U-0
U-0
EXTOEN
HFOEN
—
LFOEN
SOSCEN
ADOEN
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
EXTOEN:
External Oscillator Manual Request Enable bit
1
= EXTOSC is explicitly enabled, operating as specified by FEXTOSC
0
= EXTOSC could be enabled by another module
bit 6
HFOEN:
HFINTOSC Oscillator Manual Request Enable bit
1
= HFINTOSC is explicitly enabled, operating as specified by OSCFRQ (Register 7-6)
0
= HFINTOSC could be enabled by another module
bit 5
Unimplemented:
Read as ‘0’
bit 4
LFOEN:
LFINTOSC (31 kHz) Oscillator Manual Request Enable bit
1
= LFINTOSC is explicitly enabled
0
= LFINTOSC could be enabled by another module
bit 3
SOSCEN:
Secondary Oscillator Manual Request Enable bit
1
= Secondary Oscillator is explicitly enabled
0
= Secondary Oscillator could be enabled by another module
bit 2
ADOEN:
ADOSC (600 kHz) Oscillator Manual Request Enable bit
1
= ADOSC is explicitly enabled
0
= ADOSC could be enabled by another module
bit 1
Unimplemented:
Read as ‘0’
bit 0
Unimplemented:
Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com