Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 263 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 263 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 259Page - Renesas Technology Corp H8/3024F Datasheet HTML 260Page - Renesas Technology Corp H8/3024F Datasheet HTML 261Page - Renesas Technology Corp H8/3024F Datasheet HTML 262Page - Renesas Technology Corp H8/3024F Datasheet HTML 263Page - Renesas Technology Corp H8/3024F Datasheet HTML 264Page - Renesas Technology Corp H8/3024F Datasheet HTML 265Page - Renesas Technology Corp H8/3024F Datasheet HTML 266Page - Renesas Technology Corp H8/3024F Datasheet HTML 267Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 841 page
background image
Section 8 16-Bit Timer
Rev. 2.00 Sep 20, 2005 page 225 of 800
REJ09B0260-0200
8.2.6
Timer Interrupt Status Register C (TISRC)
TISRC is an 8-bit readable/writable register that indicates 16TCNT overflow or underflow and
enables or disables overflow interrupt requests.
7
—
1
—
Bit
Initial value
Read/Write
6
OVIE2
0
R/W
5
OVIE1
0
R/W
4
OVIE0
0
R/W
3
—
1
—
2
OVF2
0
R/(W)*
1
OVF1
0
R/(W)*
0
OVF0
0
R/(W)*
Reserved bit
Reserved bit
Overflow interrupt enable 2 to 0
These bits enable or disable interrupts by the OVF flags
Overflow flags 2 to 0
Status flags indicating
interrupts by OVF flags
Note: * Only 0 can be written, to clear the flag.
TISRC is initialized to H'88 by a reset and in standby mode.
Bit 7—Reserved: This bit cannot be modified and is always read as 1.
Bit 6—Overflow Interrupt Enable 2 (OVIE2): Enables or disables the interrupt requested by the
OVF2 when OVF2 flag is set to 1.
Bit 6
OVIE2
Description
0
OVI2 interrupt requested by OVF2 flag is disabled
(Initial value)
1
OVI2 interrupt requested by OVF2 flag is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com