Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 265 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 265 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 261Page - Renesas Technology Corp H8/3024F Datasheet HTML 262Page - Renesas Technology Corp H8/3024F Datasheet HTML 263Page - Renesas Technology Corp H8/3024F Datasheet HTML 264Page - Renesas Technology Corp H8/3024F Datasheet HTML 265Page - Renesas Technology Corp H8/3024F Datasheet HTML 266Page - Renesas Technology Corp H8/3024F Datasheet HTML 267Page - Renesas Technology Corp H8/3024F Datasheet HTML 268Page - Renesas Technology Corp H8/3024F Datasheet HTML 269Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 841 page
background image
Section 8 16-Bit Timer
Rev. 2.00 Sep 20, 2005 page 227 of 800
REJ09B0260-0200
Bit 0—Overflow Flag 0 (OVF0): This status flag indicates 16TCNT0 overflow.
Bit 0
OVF0
Description
0
[Clearing condition]
(Initial value)
Read OVF0 flag when OVF0 =1, then write 0 in OVF0 flag
1
[Setting condition]
16TCNT0 overflowed from H'FFFF to H'0000
8.2.7
Timer Counters (16TCNT)
16TCNT is a 16-bit counter. The 16-bit timer has three 16TCNTs, one for each channel.
Channel
Abbreviation
Function
0
16TCNT0
Up-counter
1
16TCNT1
2
16TCNT2
Phase counting mode: up/down-counter
Other modes: up-counter
Bit
Initial value
Read/Write
14
0
R/W
12
0
R/W
10
0
R/W
8
0
R/W
6
0
R/W
0
0
R/W
4
0
R/W
2
0
R/W
15
0
R/W
13
0
R/W
11
0
R/W
9
0
R/W
7
0
R/W
1
0
R/W
5
0
R/W
3
0
R/W
Each 16TCNT is a 16-bit readable/writable register that counts pulse inputs from a clock source.
The clock source is selected by bits TPSC2 to TPSC0 in 16TCR.
16TCNT0 and 16TCNT1 are up-counters. 16TCNT2 is an up/down-counter in phase counting
mode and an up-counter in other modes.
16TCNT can be cleared to H'0000 by compare match with GRA or GRB or by input capture to
GRA or GRB (counter clearing function).
When 16TCNT overflows (changes from H'FFFF to H'0000), the OVF flag is set to 1 in TISRC of
the corresponding channel.
When 16TCNT underflows (changes from H'0000 to H'FFFF), the OVF flag is set to 1 in TISRC
of the corresponding channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com