Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 266 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 266 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 262Page - Renesas Technology Corp H8/3024F Datasheet HTML 263Page - Renesas Technology Corp H8/3024F Datasheet HTML 264Page - Renesas Technology Corp H8/3024F Datasheet HTML 265Page - Renesas Technology Corp H8/3024F Datasheet HTML 266Page - Renesas Technology Corp H8/3024F Datasheet HTML 267Page - Renesas Technology Corp H8/3024F Datasheet HTML 268Page - Renesas Technology Corp H8/3024F Datasheet HTML 269Page - Renesas Technology Corp H8/3024F Datasheet HTML 270Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 841 page
background image
Section 8 16-Bit Timer
Rev. 2.00 Sep 20, 2005 page 228 of 800
REJ09B0260-0200
The 16TCNTs are linked to the CPU by an internal 16-bit bus and can be written or read by either
word access or byte access.
Each 16TCNT is initialized to H'0000 by a reset and in standby mode.
8.2.8
General Registers (GRA, GRB)
The general registers are 16-bit registers. The 16-bit timer has 6 general registers, two in each
channel.
Channel
Abbreviation
Function
0
GRA0, GRB0
Output compare/input capture register
1
GRA1, GRB1
2
GRA2, GRB2
Bit
Initial value
Read/Write
14
1
R/W
12
1
R/W
10
1
R/W
8
1
R/W
6
1
R/W
0
1
R/W
4
1
R/W
2
1
R/W
15
1
R/W
13
1
R/W
11
1
R/W
9
1
R/W
7
1
R/W
1
1
R/W
5
1
R/W
3
1
R/W
A general register is a 16-bit readable/writable register that can function as either an output
compare register or an input capture register. The function is selected by settings in TIOR.
When a general register is used as an output compare register, its value is constantly compared
with the 16TCNT value. When the two values match (compare match), the IMFA or IMFB flag is
set to 1 in TISRA/TISRB. Compare match output can be selected in TIOR.
When a general register is used as an input capture register, an external input capture signal are
detected and the current 16TCNT value is stored in the general register. The corresponding IMFA
or IMFB flag in TISRA/TISRB is set to 1 at the same time. The edges of the input capture signal
are selected in TIOR.
TIOR settings are ignored in PWM mode.
General registers are linked to the CPU by an internal 16-bit bus and can be written or read by
either word access or byte access.
General registers are set as output compare registers (with no pin output) and initialized to H'FFFF
by a reset and in standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com