Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 267 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 267 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 263Page - Renesas Technology Corp H8/3024F Datasheet HTML 264Page - Renesas Technology Corp H8/3024F Datasheet HTML 265Page - Renesas Technology Corp H8/3024F Datasheet HTML 266Page - Renesas Technology Corp H8/3024F Datasheet HTML 267Page - Renesas Technology Corp H8/3024F Datasheet HTML 268Page - Renesas Technology Corp H8/3024F Datasheet HTML 269Page - Renesas Technology Corp H8/3024F Datasheet HTML 270Page - Renesas Technology Corp H8/3024F Datasheet HTML 271Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 841 page
background image
Section 8 16-Bit Timer
Rev. 2.00 Sep 20, 2005 page 229 of 800
REJ09B0260-0200
8.2.9
Timer Control Registers (16TCR)
16TCR is an 8-bit register. The 16-bit timer has three 16TCRs, one in each channel.
Channel
Abbreviation
Function
0
16TCR0
1
16TCR1
2
16TCR2
16TCR controls the timer counter. The 16TCRs in all
channels are functionally identical. When phase counting
mode is selected in channel 2, the settings of bits CKEG1
and CKEG0 and TPSC2 to TPSC0 in 16TCR2 are ignored.
Bit
Initial value
Read/Write
7
—
1
—
6
CCLR1
0
R/W
5
CCLR0
0
R/W
4
CKEG1
0
R/W
3
CKEG0
0
R/W
0
TPSC0
0
R/W
2
TPSC2
0
R/W
1
TPSC1
0
R/W
Timer prescaler 2 to 0
These bits select the timer
counter clock
Reserved bit
Clock edge 1/0
These bits select external clock edges
Counter clear 1/0
These bits select the counter clear source
Each 16TCR is an 8-bit readable/writable register that selects the timer counter clock source,
selects the edge or edges of external clock sources, and selects how the counter is cleared.
16TCR is initialized to H'80 by a reset and in standby mode.
Bit 7—Reserved: This bit cannot be modified and is always read as 1.
Bits 6 and 5—Counter Clear 1 and 0 (CCLR1, CCLR0): These bits select how 16TCNT is
cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com