Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 271 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 271 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 267Page - Renesas Technology Corp H8/3024F Datasheet HTML 268Page - Renesas Technology Corp H8/3024F Datasheet HTML 269Page - Renesas Technology Corp H8/3024F Datasheet HTML 270Page - Renesas Technology Corp H8/3024F Datasheet HTML 271Page - Renesas Technology Corp H8/3024F Datasheet HTML 272Page - Renesas Technology Corp H8/3024F Datasheet HTML 273Page - Renesas Technology Corp H8/3024F Datasheet HTML 274Page - Renesas Technology Corp H8/3024F Datasheet HTML 275Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 841 page
background image
Section 8 16-Bit Timer
Rev. 2.00 Sep 20, 2005 page 233 of 800
REJ09B0260-0200
8.2.11
Timer Output Level Setting Register C (TOLR)
TOLR is an 8-bit write-only register that selects the timer output level for channels 0 to 2.
7
—
1
—
Bit
Initial value
Read/Write
6
—
1
—
5
TOB2
0
W
4
TOA2
0
W
3
TOB1
0
W
2
TOA1
0
W
1
TOB0
0
W
0
TOA0
0
W
Reserved bits
Output level setting A2 to A0, B2 to B0
These bits set the levels of the timer outputs
(TIOCA2 to TIOCA0, and TIOCB2 to TIOCB0)
A TOLR setting can only be made when the corresponding bit in TSTR is 0.
TOLR is a write-only register, and cannot be read. If it is read, all bits will return a value of 1.
TOLR is initialized to H'C0 by a reset and in standby mode.
Bits 7 and 6—Reserved: These bits cannot be modified.
Bit 5—Output Level Setting B2 (TOB2): Sets the value of timer output TIOCB2.
Bit 5
TOB2
Description
0
TIOCB2 is 0
(Initial value)
1
TIOCB2 is 1
Bit 4—Output Level Setting A2 (TOA2): Sets the value of timer output TIOCA2.
Bit 4
TOA2
Description
0
TIOCA2 is 0
(Initial value)
1
TIOCA2 is 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com