Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 270 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 270 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 266Page - Renesas Technology Corp H8/3024F Datasheet HTML 267Page - Renesas Technology Corp H8/3024F Datasheet HTML 268Page - Renesas Technology Corp H8/3024F Datasheet HTML 269Page - Renesas Technology Corp H8/3024F Datasheet HTML 270Page - Renesas Technology Corp H8/3024F Datasheet HTML 271Page - Renesas Technology Corp H8/3024F Datasheet HTML 272Page - Renesas Technology Corp H8/3024F Datasheet HTML 273Page - Renesas Technology Corp H8/3024F Datasheet HTML 274Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 841 page
background image
Section 8 16-Bit Timer
Rev. 2.00 Sep 20, 2005 page 232 of 800
REJ09B0260-0200
Bits 6 to 4—I/O Control B2 to B0 (IOB2 to IOB0): These bits select the GRB function.
Bit 6
IOB2
Bit 5
IOB1
Bit 4
IOB0
Function
0
0
0
No output at compare match
(Initial value)
1
0 output at GRB compare match*
1
1
0
1 output at GRB compare match*
1
1
GRB is an output
compare register
Output toggles at GRB compare match
(1 output in channel 2)*
1 *2
1
0
0
GRB captures rising edge of input
1
GRB captures falling edge of input
1
0
GRB captures both edges of input
1
GRB is an input
compare register
Notes: 1. After a reset, the output conforms to the TOLR setting until the first compare match.
2. Channel 2 output cannot be toggled by compare match. When this setting is made, 1
output is selected automatically.
Bit 3—Reserved: This bit cannot be modified and is always read as 1.
Bits 2 to 0—I/O Control A2 to A0 (IOA2 to IOA0): These bits select the GRA function.
Bit 2
IOA2
Bit 1
IOA1
Bit 0
IOA0
Function
0
0
0
No output at compare match
(Initial value)
1
0 output at GRA compare match*
1
1
0
1 output at GRA compare match*
1
1
GRA is an output
compare register
Output toggles at GRA compare match
(1 output in channel 2)*
1 *2
1
0
0
GRA captures rising edge of input
1
GRA captures falling edge of input
1
0
GRA captures both edges of input
1
GRA is an input
compare register
Notes: 1. After a reset, the output conforms to the TOLR setting until the first compare match.
2. Channel 2 output cannot be toggled by compare match. When this setting is made, 1
output is selected automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com