Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 269 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 269 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 265Page - Renesas Technology Corp H8/3024F Datasheet HTML 266Page - Renesas Technology Corp H8/3024F Datasheet HTML 267Page - Renesas Technology Corp H8/3024F Datasheet HTML 268Page - Renesas Technology Corp H8/3024F Datasheet HTML 269Page - Renesas Technology Corp H8/3024F Datasheet HTML 270Page - Renesas Technology Corp H8/3024F Datasheet HTML 271Page - Renesas Technology Corp H8/3024F Datasheet HTML 272Page - Renesas Technology Corp H8/3024F Datasheet HTML 273Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 841 page
background image
Section 8 16-Bit Timer
Rev. 2.00 Sep 20, 2005 page 231 of 800
REJ09B0260-0200
When bit TPSC2 is cleared to 0 an internal clock source is selected, and the timer counts only
falling edges. When bit TPSC2 is set to 1 an external clock source is selected, and the timer counts
the edges selected by bits CKEG1 and CKEG0.
When channel 2 is set to phase counting mode (MDF = 1 in TMDR), the settings of bits TPSC2 to
TPSC0 in 16TCR2 are ignored. Phase counting takes precedence.
8.2.10
Timer I/O Control Register (TIOR)
TIOR is an 8-bit register. The 16-bit timer has three TIORs, one in each channel.
Channel
Abbreviation
Function
0
TIOR0
1
TIOR1
2
TIOR2
TIOR controls the general registers. Some functions differ in PWM
mode.
Bit
Initial value
Read/Write
7
—
1
—
6
IOB2
0
R/W
5
IOB1
0
R/W
4
IOB0
0
R/W
3
—
1
—
0
IOA0
0
R/W
2
IOA2
0
R/W
1
IOA1
0
R/W
I/O control A2 to A0
These bits select GRA
functions
Reserved bit
I/O control B2 to B0
These bits select GRB functions
Reserved bit
Each TIOR is an 8-bit readable/writable register that selects the output compare or input capture
function for GRA and GRB, and specifies the functions of the TIORA and TIORB pins. If the
output compare function is selected, TIOR also selects the type of output. If input capture is
selected, TIOR also selects the edges of the input capture signal.
TIOR is initialized to H'88 by a reset and in standby mode.
Bit 7—Reserved: This bit cannot be modified and is always read as 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com