Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 268 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 268 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 264Page - Renesas Technology Corp H8/3024F Datasheet HTML 265Page - Renesas Technology Corp H8/3024F Datasheet HTML 266Page - Renesas Technology Corp H8/3024F Datasheet HTML 267Page - Renesas Technology Corp H8/3024F Datasheet HTML 268Page - Renesas Technology Corp H8/3024F Datasheet HTML 269Page - Renesas Technology Corp H8/3024F Datasheet HTML 270Page - Renesas Technology Corp H8/3024F Datasheet HTML 271Page - Renesas Technology Corp H8/3024F Datasheet HTML 272Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 841 page
background image
Section 8 16-Bit Timer
Rev. 2.00 Sep 20, 2005 page 230 of 800
REJ09B0260-0200
Bit 6
CCLR1
Bit 5
CCLR0
Description
0
0
16TCNT is not cleared
(Initial value)
1
16TCNT is cleared by GRA compare match or input capture*
1
1
0
16TCNT is cleared by GRB compare match or input capture*
1
1
Synchronous clear: 16TCNT is cleared in synchronization with other
synchronized timers*
2
Notes: 1. 16TCNT is cleared by compare match when the general register functions as an output
compare register, and by input capture when the general register functions as an input
capture register.
2. Selected in TSNC.
Bits 4 and 3—Clock Edge 1 and 0 (CKEG1, CKEG0): These bits select external clock input
edges when an external clock source is used.
Bit 4
CKEG1
Bit 3
CKEG0
Description
0
0
Count rising edges
(Initial value)
1
Count falling edges
1
—
Count both edges
When channel 2 is set to phase counting mode, bits CKEG1 and CKEG0 in 16TCR2 are ignored.
Phase counting takes precedence.
Bits 2 to 0—Timer Prescaler 2 to 0 (TPSC2 to TPSC0): These bits select the counter clock
source.
Bit 2
TPSC2
Bit 1
TPSC1
Bit 0
TPSC0
Function
000Internal clock:
φ
(Initial value)
1
Internal clock:
φ/2
1
0
Internal clock:
φ/4
1
Internal clock:
φ/8
100External clock A: TCLKA input
1
External clock B: TCLKB input
1
0
External clock C: TCLKC input
1
External clock D: TCLKD input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com