Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD2CSC Datasheet(PDF) 156 Page - Freescale Semiconductor, Inc

Part # S9S08QD2CSC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2CSC Datasheet(HTML) 156 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2CSC Datasheet HTML 152Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 153Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 154Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 155Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 156Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 157Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 158Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 159Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 160Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 198 page
background image
Timer/Pulse-Width Modulator (S08TPMV2)
MC9S08QD4 Series MCU Data Sheet, Rev. 6
156
Freescale Semiconductor
11.4.3
Center-Aligned PWM Mode
This type of PWM output uses the up-/down-counting mode of the timer counter (CPWMS = 1). The
output compare value in TPMxCnVH:TPMxCnVL determines the pulse width (duty cycle) of the PWM
signal and the period is determined by the value in TPMxMODH:TPMxMODL.
TPMxMODH:TPMxMODL must be kept in the range of 0x0001 to 0x7FFF because values outside this
range can produce ambiguous results. ELSnA will determine the polarity of the CPWM output.
pulse width = 2 x (TPMxCnVH:TPMxCnVL)
Eqn. 11-1
period = 2 x (TPMxMODH:TPMxMODL);
for TPMxMODH:TPMxMODL = 0x0001–0x7FFF
Eqn. 11-2
If the channel value register TPMxCnVH:TPMxCnVL is zero or negative (bit 15 set), the duty cycle will
be 0%. If TPMxCnVH:TPMxCnVL is a positive value (bit 15 clear) and is greater than the (nonzero)
modulus setting, the duty cycle will be 100% because the duty cycle compare will never occur. This
implies the usable range of periods set by the modulus register is 0x0001 through 0x7FFE (0x7FFF if
generation of 100% duty cycle is not necessary). This is not a significant limitation because the resulting
period is much longer than required for normal applications.
TPMxMODH:TPMxMODL = 0x0000 is a special case that must not be used with center-aligned PWM
mode. When CPWMS = 0, this case corresponds to the counter running free from 0x0000 through 0xFFFF,
but when CPWMS = 1 the counter needs a valid match to the modulus register somewhere other than at
0x0000 in order to change directions from up-counting to down-counting.
Figure 11-12 shows the output compare value in the TPM channel registers (multiplied by 2), which
determines the pulse width (duty cycle) of the CPWM signal. If ELSnA = 0, the compare match while
counting up forces the CPWM output signal low and a compare match while counting down forces the
output high. The counter counts up until it reaches the modulo setting in TPMxMODH:TPMxMODL, then
counts down until it reaches zero. This sets the period equal to two times TPMxMODH:TPMxMODL.
Figure 11-12. CPWM Period and Pulse Width (ELSnA = 0)
Center-aligned PWM outputs typically produce less noise than edge-aligned PWMs because fewer I/O pin
transitions are lined up at the same system clock edge. This type of PWM is also required for some types
of motor drives.
Because the HCS08 is a family of 8-bit MCUs, the settings in the timer channel registers are buffered to
ensure coherent 16-bit updates and to avoid unexpected PWM pulse widths. Writes to any of the registers,
TPMxMODH, TPMxMODL, TPMxCnVH, and TPMxCnVL, actually write to buffer registers. Values are
PERIOD
PULSE WIDTH
COUNT =
COUNT = 0
OUTPUT
COMPARE
(COUNT UP)
OUTPUT
COMPARE
(COUNT DOWN)
COUNT =
TPMxMODH:TPMx
TPM1C
TPMxMODH:TPMx
2 x
2 x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com