Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD2CSC Datasheet(PDF) 158 Page - Freescale Semiconductor, Inc

Part # S9S08QD2CSC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2CSC Datasheet(HTML) 158 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2CSC Datasheet HTML 154Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 155Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 156Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 157Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 158Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 159Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 160Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 161Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 162Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 198 page
background image
Timer/Pulse-Width Modulator (S08TPMV2)
MC9S08QD4 Series MCU Data Sheet, Rev. 6
158
Freescale Semiconductor
11.5.3
Channel Event Interrupt Description
The meaning of channel interrupts depends on the current mode of the channel (input capture, output
compare, edge-aligned PWM, or center-aligned PWM).
When a channel is configured as an input capture channel, the ELSnB:ELSnA control bits select rising
edges, falling edges, any edge, or no edge (off) as the edge that triggers an input capture event. When the
selected edge is detected, the interrupt flag is set. The flag is cleared by the 2-step sequence described in
Section 11.5.1, “Clearing Timer Interrupt Flags.”
When a channel is configured as an output compare channel, the interrupt flag is set each time the main
timer counter matches the 16-bit value in the channel value register. The flag is cleared by the 2-step
sequence described in Section 11.5.1, “Clearing Timer Interrupt Flags.”
11.5.4
PWM End-of-Duty-Cycle Events
For channels that are configured for PWM operation, there are two possibilities:
•
When the channel is configured for edge-aligned PWM, the channel flag is set when the timer
counter matches the channel value register that marks the end of the active duty cycle period.
•
When the channel is configured for center-aligned PWM, the timer count matches the channel
value register twice during each PWM cycle. In this CPWM case, the channel flag is set at the start
and at the end of the active duty cycle, which are the times when the timer counter matches the
channel value register.
The flag is cleared by the 2-step sequence described in Section 11.5.1, “Clearing Timer Interrupt Flags.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com