Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD2CSC Datasheet(PDF) 187 Page - Freescale Semiconductor, Inc

Part # S9S08QD2CSC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2CSC Datasheet(HTML) 187 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2CSC Datasheet HTML 183Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 184Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 185Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 186Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 187Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 188Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 189Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 190Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 191Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 198 page
background image
Appendix A Electrical Characteristics
MC9S08QD4 Series MCU Data Sheet, Rev. 6
Freescale Semiconductor
187
Figure A-13. IRQ/KBIPx Timing
A.8.2
Timer/PWM (TPM) Module Timing
Synchronizer circuits determine the shortest input pulses that can be recognized or the fastest clock that
can be used as the optional external source to the timer counter. These synchronizers operate from the
current bus rate clock.
Figure A-14. Timer External Clock
Figure A-15. Timer Input Capture Pulse
Table A-9. TPM/MTIM Input Timing
Function
Symbol
Min
Max
Unit
External clock frequency
fTCLK
dc
fBus/4
MHz
External clock period
tTCLK
4—
tcyc
External clock high time
tclkh
1.5
—
tcyc
External clock low time
tclkl
1.5
—
tcyc
Input capture pulse width
tICPW
1.5
—
tcyc
tIHIL
IRQ/KBIPx
tILIH
IRQ/KBIPx
tText
tclkh
tclkl
TCLK
tICPW
TPMCHn
tICPW
TPMCHn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com