Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD2CSC Datasheet(PDF) 183 Page - Freescale Semiconductor, Inc

Part # S9S08QD2CSC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2CSC Datasheet(HTML) 183 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2CSC Datasheet HTML 179Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 180Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 181Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 182Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 183Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 184Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 185Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 186Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 187Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 198 page
background image
Appendix A Electrical Characteristics
MC9S08QD4 Series MCU Data Sheet, Rev. 6
Freescale Semiconductor
183
Figure A-9. Typical Run IDD vs. Bus Freq. (FEI) (ADC off)
3 All modules except ADC active, and does not include any dc loads on port pins
4 Every unit tested to this parameter. All other values in the Max column are guaranteed by characterization.
5 All modules except ADC active, and does not include any dc loads on port pins
6 Every unit tested to this parameter. All other values in the Max column are guaranteed by characterization.
7 Most customers are expected to find that the auto-wakeup from a stop mode can be used instead of the higher current wait
mode.
8 This parameter is characterized and not tested on each device.
9 This parameter is characterized and not tested on each device.
10 Most customers are expected to find that auto-wakeup from stop2 or stop3 can be used instead of the higher current wait
mode. Wait mode typical is 560
μA at 3 V with f
Bus = 1 MHz.
10
8
6
4
0
2
0.00
0.50
1.00
1.50
4.00
3.50
3.00
2.50
2.00
Bus/MHz
Typical RIDD (VDD=5.0 V, ADC off) vs. Bus Freq.
105
–40
0
25
85
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com