Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD2CSC Datasheet(PDF) 182 Page - Freescale Semiconductor, Inc

Part # S9S08QD2CSC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2CSC Datasheet(HTML) 182 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2CSC Datasheet HTML 178Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 179Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 180Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 181Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 182Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 183Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 184Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 185Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 186Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 198 page
background image
Appendix A Electrical Characteristics
MC9S08QD4 Series MCU Data Sheet, Rev. 6
182
Freescale Semiconductor
A.6
Supply Current Characteristics
This section includes information about power supply current in various operating modes
Table A-6. Supply Current Characteristics
Parameter
Symbol
VDD (V)
Typical1
1 Typicals are measured at 25
°C.
Max2
2 Values given here are preliminary estimates prior to completing characterization.
Unit
Run supply current3 measured at
(CPU clock = 2 MHz, fBus = 1 MHz)
RIDD
5
0.95
1.54
mA
30.90
1.5
Run supply current5 measured at
(CPU clock = 16 MHz, fBus = 8 MHz)
RIDD
53.5
56
mA
33.4
5
Wait mode supply current7 measured at
(CPU clock = 16 MHz, fBus = 8 MHz)
WIDD
51.55
2.2
mA
31.50
2.2
Stop2 mode supply current
(Consumer and Industrial MC9S08QDx)
–40 to 85
°C
–40 to 125
°C
–40 to 85
°C
–40 to 125
°C
S2I
DD
50.80
7.58
20 4
μA
3
0.80
7.08
15
μA
Stop2 mode supply current
(Automotive S9S08QDx)
–40 to 85
°C
–40 to 125
°C
–40 to 85
°C
–40 to 125
°C
50.80
7.59
25 4
μA
3
0.80
7.08
20
μA
Stop3 mode supply current
(Consumer and Industrial MC9S08QDx)
–40 to 85
° C
–40 to 125
°C
–40 to 85
° C
–40 to 125
°C
S3I
DD
s
50.90
8.08
254
μA
3
0.90
7.18
20
μA
Stop3 mode supply current
(Automotive S9S08QDx)
–40 to 85
° C
–40 to 125
°C
–40 to 85
° C
–40 to 125
°C
50.90
8.08
304
μA
3
0.90
7.18
25
μA
RTI adder to stop2 or stop310, 25
°C
5400
nA
3350
nA
LVD adder to stop3 (LVDE = LVDSE = 1)
5110
μA
390
μA
Adder to stop3 for oscillator enabled (IREFSTEN = 1)
575
μA
365
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com