Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD2CSC Datasheet(PDF) 178 Page - Freescale Semiconductor, Inc

Part # S9S08QD2CSC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2CSC Datasheet(HTML) 178 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2CSC Datasheet HTML 174Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 175Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 176Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 177Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 178Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 179Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 180Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 181Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 182Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 198 page
background image
Appendix A Electrical Characteristics
MC9S08QD4 Series MCU Data Sheet, Rev. 6
178
Freescale Semiconductor
Figure A-1. Typical Low-Side Driver (Sink) Characteristics
Low Drive (PTxDSn = 0), VDD = 5.0V, VOL vs. IOL
Figure A-2. Typical Low-Side Driver (Sink) Characteristics
Low Drive (PTxDSn = 0), VDD = 3.0 V, VOL vs. IOL
7 Power supply must maintain regulation within operating V
DD range during instantaneous and operating maximum current
conditions. If positive injection current (VIn > VDD) is greater than IDD, the injection current may flow out of VDD and could result
in external power supply going out of regulation. Ensure external VDD load will shunt current greater than maximum injection
current. This will be the greatest risk when the MCU is not consuming power. Examples are: if no system clock is present, or if
clock rate is very low (which would reduce overall power consumption).
14
12
10
8
6
4
2
0
0
0.4
0.8
1.2
1.6
22.4
2.8
VOL/V
–40
0
25
85
125
Typical Low-side Driver (LDS) Characteristics,
VDD = 5.0 V, PORTA
105
–40
25
85
105
–1.6
1.2
1
1.4
0.8
0.6
0.4
0.2
0
VOL/V
0
1
2
3
4
5
6
Typical Low-side Driver (LDS) Characteristics,
VDD = 3.0 V, PORTA
0
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com