Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD2CSC Datasheet(PDF) 176 Page - Freescale Semiconductor, Inc

Part # S9S08QD2CSC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2CSC Datasheet(HTML) 176 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2CSC Datasheet HTML 172Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 173Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 174Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 175Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 176Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 177Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 178Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 179Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 180Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 198 page
background image
Appendix A Electrical Characteristics
MC9S08QD4 Series MCU Data Sheet, Rev. 6
176
Freescale Semiconductor
Table A-5. DC Characteristics (Temperature Range = –40 to 125
°C Ambient)
Parameter
Symbol
Min
Typical
Max
Unit
Supply voltage (run, wait, and stop modes.)
VDD
2.7
5.5
V
POR re-arm voltage1
VPOR
0.9
1.4
2.0
V
Minimum RAM retention supply voltage applied to VDD
VRAM
VPOR
2, 3
—V
Low-voltage detection threshold — high range
(Consumer and Industrial MC9S08QDx)
VDD falling
VDD rising)
VLVDH
4.2
4.3
4.3
4.4
4.4
4.5
V
V
Low-voltage detection threshold — high range
(Automotive S9S08QDx)
(VDD falling)
–40
°C to 0°C
0 to 125
°C
(VDD rising)
–40
°C to 0°C
0 to 125
°C
4.175
4.2
4.275
4.3
4.3
4.4
4.3
4.4
4.4
4.5
4.4
4.5
V
Low-voltage detection threshold — low range
(VDD falling)
(VDD rising)
VLVDL
2.48
2.54
2.56
2.62
2.64
2.7
V
V
Low-voltage warning threshold — high range
(Consumer and Industrial MC9S08QDx)
(VDD falling)
(VDD rising)
VLVWH
4.2
4.3
4.3
4.4
4.4
4.5
V
V
Low-voltage warning threshold — high range
(Automotive S9S08QDx)
(VDD falling)
–40
°C to 0°C
0 to 125
°C
(VDD rising)
–40
°C to 0°C
0 to 125
°C
4.175
4.2
4.275
4.3
4.3
4.4
4.3
4.4
4.4
4.5
4.4
4.5
V
Low-voltage warning threshold — low range
(VDD falling)
(VDD rising)
VLVWL
2.48
2.54
2.56
2.62
2.64
2.7
V
V
Low-voltage inhibit reset/recover hysteresis
5V
3V
Vhys
—
—
100
60
—
—
mV
mV
Bandgap Voltage Reference
(Consumer and Industrial MC9S08QDx)
Factory trimmed at VDD = 3.0V, Temp = 25°C
VBG
1.19
1.20
1.21
V
Bandgap Voltage Reference (S9S08QDx)
Factory trimmed at VDD = 3.0V, Temp = 25°C
–40
°C to 125°C
1.18
1.20
1.215
V
Input high voltage (2.7 V
≤ V
DD ≤ 5.5 V) (all digital inputs)
VIH
0.7
× V
DD
—V
Input low voltage (2.7 V
≤ V
DD ≤ 5.5 V) (all digital inputs)
VIL
—0.3
× V
DD
V
Input hysteresis (all digital inputs)
Vhys
0.06
× V
DD
—V
Input leakage current (Per pin)
VIn = VDD or VSS, all input only pins
|IIn|
—
0.025
1.0
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com