Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD2CSC Datasheet(PDF) 180 Page - Freescale Semiconductor, Inc

Part # S9S08QD2CSC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2CSC Datasheet(HTML) 180 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2CSC Datasheet HTML 176Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 177Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 178Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 179Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 180Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 181Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 182Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 183Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 184Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 198 page
background image
Appendix A Electrical Characteristics
MC9S08QD4 Series MCU Data Sheet, Rev. 6
180
Freescale Semiconductor
Figure A-5. Typical High-Side Driver (Source) Characteristics
Low Drive (PTxDSn = 0), VDD = 5.0 V, VOH vs. IOH
Figure A-6. Typical High-Side Driver (Source) Characteristics
Low Drive (PTxDSn = 0), VDD = 3.0 V, VOH vs. IOH
–40
25
85
105
0
5.2
4.8
4.4
4
3.6
3.2
2.8
2.4
0
–1
–2
–3
–4
–5
–6
–7
–8
VOH/V
Typical High-side Driver (LDS) Characteristics,
VDD = 5.0 V, PORTA
125
–40
25
85
105
0
3
2.8
2.6
2.4
2.2
2
1.8
1.6
–3
–2.5
–2
–1.5
–1
–0.5
0
Typical High-side Driver (LDS) Characteristics,
VDD = 3.0 V, PORTA
VOH/V
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com