Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8956CGEFL/V Datasheet(PDF) 34 Page - Wolfson Microelectronics plc

Part # WM8956CGEFL/V
Description  Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8956CGEFL/V Datasheet(HTML) 34 Page - Wolfson Microelectronics plc

Back Button WM8956CGEFL/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 38Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 80 page
background image
WM8956
Production Data
w
PD, November 2011, Rev 4.1
34
To avoid clipping at speaker supply, SPKVDD1 and SPKVDD2 must be high enough to support the
peak output voltage when using DCGAIN and ACGAIN functions. The peak output voltage is
AVDD*(DCGAIN+ACGAIN)/2.
DCGAIN should normally be set to the same value as ACGAIN.
See "Volume Updates" for more information on volume update bits, zero cross and timeout operation.
See "Class D Speaker Outputs" for more information on class D speaker operation.
OUT3 OUTPUT
The OUT3 pin can drive a 16
 or 32 headphone or a line output or be used as a pseudo-ground for
capless headphone drive (see Headphone Output section). It can also drive out a mono mix of left
and right output mixers (See Output Signal Path).
ENABLING THE OUTPUTS
Each analogue output of the WM8956 can be independently enabled or disabled. The analogue mixer
associated with each output is powered on or off along with the output pin. All outputs are disabled by
default. To save power, unused outputs should remain disabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R26 (1Ah)
Power
Management
(2)
6
LOUT1
0
LOUT1 Output Enable
5
ROUT1
0
ROUT1 Output Enable
4
SPKL
0
SPK_LP and SPK_LN Volume Control
Enable
3
SPKR
0
SPK_RP and SPK_RN Volume Control
Enable
1
OUT3
0
OUT3 Enable
R49 (31h)
Class D
Control (1)
7:6
SPK_OP_EN
[1:0]
00
Enable Class D Speaker Outputs
00 = Off
01 = Left speaker only
10 = Right speaker only
11 = Left and right speakers enabled
Note: All “Enable” bits are 1 = ON, 0 = OFF
Table 20 Analogue Output Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com