Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8956CGEFL/V Datasheet(PDF) 73 Page - Wolfson Microelectronics plc

Part # WM8956CGEFL/V
Description  Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8956CGEFL/V Datasheet(HTML) 73 Page - Wolfson Microelectronics plc

Back Button WM8956CGEFL/V Datasheet HTML 69Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 70Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 71Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 72Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 73Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 74Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 75Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 76Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 77Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 80 page
background image
Production Data
WM8956
w
PD, November 2011, Rev 4.1
73
MAGNITUDE(dB)
-150
-130
-110
-90
-70
-50
-30
-10
10
0
0.5
1
1.5
2
2.5
3
Frequency (fs)
MAGNITUDE(dB)
-0.005
0
0.005
0.01
0.015
0.02
0.025
0.03
0.035
0.04
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
Frequency (fs)
Figure 36 DAC Digital Filter Frequency Response (Normal
Mode)
Figure 37 DAC Digital Filter Ripple (Normal Mode)
MAGNITUDE(dB)
-150
-130
-110
-90
-70
-50
-30
-10
10
0
0.5
1
1.5
2
2.5
3
Frequency (fs)
MAGNITUDE(dB)
-0.5
-0.45
-0.4
-0.35
-0.3
-0.25
-0.2
-0.15
-0.1
-0.05
0
0.05
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
Frequency (fs)
Figure 38 DAC Digital Filter Frequency Response (Sloping
Stopband Mode)
Figure 39 DAC Digital Filter Ripple (Sloping Stopband
Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com