Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8956CGEFL/V Datasheet(PDF) 69 Page - Wolfson Microelectronics plc

Part # WM8956CGEFL/V
Description  Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8956CGEFL/V Datasheet(HTML) 69 Page - Wolfson Microelectronics plc

Back Button WM8956CGEFL/V Datasheet HTML 65Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 66Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 67Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 68Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 69Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 70Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 71Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 72Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 73Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 80 page
background image
Production Data
WM8956
w
PD, November 2011, Rev 4.1
69
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
OUT3
Volume
6
MOUTVOL
1
Mono Output Mixer Volume Control
0 = 0dB
1 = -6dB
Output Signal
Path
5:0
000000
Reserved
R43 (2Bh)
Left Input
Boost
Mixer
8:7
00
Reserved
6:4
LIN3BOOST[2:0]
000
LINPUT3 to Boost Mixer Gain
000 = Mute
001 = -12dB
...3dB steps up to
111 = +6dB
Input Signal
Path
3:1
LIN2BOOST[2:0]
000
LINPUT2 to Boost Mixer Gain
000 = Mute
001 = -12dB
...3dB steps up to
111 = +6dB
Input Signal
Path
0
0
Reserved
R44 (2Ch)
Right Input
Boost
Mixer
8:7
00
Reserved
6:4
RIN3BOOST[2:0]
000
RINPUT3 to Boost Mixer Gain
000 = Mute
001 = -12dB
...3dB steps up to
111 = +6dB
Input Signal
Path
3:1
RIN2BOOST[2:0]
000
RINPUT2 to Boost Mixer Gain
000 = Mute
001 = -12dB
...3dB steps up to
111 = +6dB
Input Signal
Path
0
0
Reserved
R45 (2Dh)
Left
Bypass
8
0
Reserved
7
LB2LO
0
Left Input Boost Mixer to Left Output Mixer
0 = Disable (Mute)
1 = Enable Path
Output Signal
Path
6:4
LB2LOVOL[2:0]
101
Left Input Boost Mixer to Left Output Mixer
Volume
000 = 0dB
...(3dB steps)
111 = -21dB
Output Signal
Path
3:0
0000
Reserved
R46 (2Eh)
Right
Bypass
8
0
Reserved
7
RB2RO
0
Right Input Boost Mixer to Right Output Mixer
0 = Disable (Mute)
1 = Enable Path
Output Signal
Path
6:4
RB2ROVOL[2:0]
101
Right Input Boost Mixer to Right Output Mixer
Volume
000 = 0dB
...(3dB steps)
111 = -21dB
Output Signal
Path
3:0
0000
Reserved
R47 (2Fh)
Power
Mgmt (3)
8:6
000
Reserved
5
LMIC
0
Left Channel Input PGA Enable
0 = PGA disabled
1 = PGA enabled (if AINL = 1)
Input Signal
Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com