Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8956CGEFL/V Datasheet(PDF) 62 Page - Wolfson Microelectronics plc

Part # WM8956CGEFL/V
Description  Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8956CGEFL/V Datasheet(HTML) 62 Page - Wolfson Microelectronics plc

Back Button WM8956CGEFL/V Datasheet HTML 58Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 59Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 60Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 61Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 62Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 64Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 65Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 66Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 80 page
background image
WM8956
Production Data
w
PD, November 2011, Rev 4.1
62
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
2
DACMR
0
DAC Soft Mute Ramp Rate
0 = Fast ramp (fs/2, providing maximum delay of
10.7ms at fs=48k)
1 = Slow ramp (fs/32, providing maximum delay
of 171ms at fs=48k)
Output Signal
Path
1
DACSLOPE
0
Selects DAC filter characteristics
0 = Normal mode
1 = Sloping stopband
Output Signal
Path
0
0
Reserved
R7 (07h)
Audio
Interface
8
0
Reserved
7
BCLKINV
0
BCLK invert bit (for master and slave modes)
0 = BCLK not inverted
1 = BCLK inverted
Audio Interface
Control
6
MS
0
Master / Slave Mode Control
0 = Enable slave mode
1 = Enable master mode
Audio Interface
Control
5
DLRSWAP
0
Left/Right DAC Channel Swap
0 = Output left and right data as normal
1 = Swap left and right DAC data in audio
interface
Audio Interface
Control
4
LRP
0
Right, left and I
2S modes – LRCLK polarity
0 = normal LRCLK polarity
1 = invert LRCLK polarity
Audio Interface
Control
DSP Mode – mode A/B select
0 = MSB is available on 2nd BCLK rising edge
after LRC rising edge (mode A)
1 = MSB is available on 1st BCLK rising edge
after LRC rising edge (mode B)
3:2
WL[1:0]
10
Audio Data Word Length
00 = 16 bits
01 = 20 bits
10 = 24 bits
11 = 32 bits (see Note)
Audio Interface
Control
1:0
FORMAT[1:0]
10
00 = Right justified
01 = Left justified
10 = I
2S Format
11 = DSP Mode
Audio Interface
Control
R8 (08h)
Clocking
(2)
8:6
DCLKDIV[2:0]
111
Class D switching clock divider.
000 = Reserved
001 = SYSCLK / 2
010 = SYSCLK / 3
011 = SYSCLK / 4
100 = SYSCLK / 6
101 = SYSCLK / 8
110 = SYSCLK / 12
111 = SYSCLK / 16
Class D Speaker
Outputs;
Clocking and
Sample Rates
5:4
00
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com