Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8956CGEFL/V Datasheet(PDF) 64 Page - Wolfson Microelectronics plc

Part # WM8956CGEFL/V
Description  Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8956CGEFL/V Datasheet(HTML) 64 Page - Wolfson Microelectronics plc

Back Button WM8956CGEFL/V Datasheet HTML 60Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 61Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 62Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 64Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 65Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 66Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 67Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 68Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 80 page
background image
WM8956
Production Data
w
PD, November 2011, Rev 4.1
64
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R14 (0Eh)
8:0
000000000
Reserved
R15 (0Fh)
Reset
8:0
Reset
N/A
Writing to this register resets all registers to their
default state.
R16 {10h)
3D Control
8
0
Reserved
7
0
Reserved
6
3DUC
0
3D Enhance Filter Upper Cut-Off Frequency
0 = High (Recommended for fs>=32kHz)
1 = Low (Recommended for fs<32kHz)
Output Signal
Path
5
3DLC
0
3D Enhance Filter Lower Cut-Off Frequency
0 = Low (Recommended for fs>=32kHz)
1 = High (Recommended for fs<32kHz)
Output Signal
Path
4:1
3DDEPTH[3:0]
0000
3D Stereo Depth
0000 = 0% (minimum 3D effect)
0001 = 6.67%
....
1110 = 93.3%
1111 = 100% (maximum 3D effect)
Output Signal
Path
0
3DEN
0
3D Stereo Enhancement Enable
0 = Disabled
1 = Enabled
Output Signal
Path
R17 (11h)
8:0
0000001011
Reserved
R18 (12h)
8:0
100000000
Reserved
R19 (13h)
8:0
000110010
Reserved
R20 (14h)
8:0
000000000
Reserved
R21 (15h)
8:0
011000011
Reserved
R22 (16h)
8:0
011000011
Reserved
R23 (17h)
Additional
Control (1)
8
TSDEN
1
Thermal Shutdown Enable
0 = Thermal shutdown disabled
1 = Thermal shutdown enabled
(TSENSEN must be enabled for this function to
work)
Thermal
Shutdown
7:6
VSEL[1:0]
11
Analogue Bias Optimisation
00 = Reserved
01 = Bias current optimized for AVDD=2.7V
1X = Lowest bias current, optimized for
AVDD=3.3V
Power
Management
5
0
Reserved
4
DMONOMIX
0
DAC Mono Mix
0 = Stereo
1 = Mono (Mono MIX output on enabled DACs)
Output Signal
Path
3:2
00
Reserved
1
TOCLKSEL
0
Slow Clock Select (Used for volume update
timeouts and for jack detect debounce)
0 = SYSCLK / 2
21 (Slower Response)
1 = SYSCLK / 2
19 (Faster Response)
Volume
Updates;
Headphone Jack
Detect
0
TOEN
0
Enables Slow Clock for Volume Update Timeout
and Jack Detect Debounce
0 = Slow clock disabled
1 = Slow clock enabled
Volume
Updates;
Headphone Jack
Detect
R24 (18h)
8:7
00
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com