Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8956CGEFL/V Datasheet(PDF) 46 Page - Wolfson Microelectronics plc

Part # WM8956CGEFL/V
Description  Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8956CGEFL/V Datasheet(HTML) 46 Page - Wolfson Microelectronics plc

Back Button WM8956CGEFL/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 46Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 47Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 48Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 49Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 50Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 80 page
background image
WM8956
Production Data
w
PD, November 2011, Rev 4.1
46
AUDIO INTERFACE CONTROL
The register bits controlling audio format, word length and master / slave mode are summarised in
Table 27. MS selects audio interface operation in master or slave mode. In Master mode BCLK and
DACLRC are outputs. The frequency of DACLRC is set by the DACDIV bits and the frequency of
BCLK is set by the BCLKDIV bits (See "Clocking and Sample Rates"). In Slave mode BCLK and
DACLRC are inputs.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R7 (07h)
Digital Audio
Interface
Format
7
BCLKINV
0
BCLK invert bit (for master and slave
modes)
0 = BCLK not inverted
1 = BCLK inverted
6
MS
0
Master / Slave Mode Control
0 = Enable slave mode
1 = Enable master mode
5
DLRSWAP
0
Left/Right DAC Channel Swap
0 = Output left and right data as normal
1 = Swap left and right DAC data in
audio interface
4
LRP
0
Right, left and I
2S modes – LRCLK
polarity
0 = normal LRCLK polarity
1 = invert LRCLK polarity
DSP Mode – mode A/B select
0 = MSB is available on 2nd BCLK rising
edge after LRC rising edge (mode A)
1 = MSB is available on 1st BCLK rising
edge after LRC rising edge (mode B)
3:2
WL[1:0]
10
Audio Data Word Length
00 = 16 bits
01 = 20 bits
10 = 24 bits
11 = 32 bits (see Note)
1:0
FORMAT[1:0]
10
Audio Data Format Select
00 = Right justified
01 = Left justified
10 = I
2S Format
11 = DSP Mode
Table 27 Audio Data Format Control
Note:
Right Justified mode does not support 32-bit data.
AUDIO INTERFACE OUTPUT TRISTATE
Register bit TRIS, register 24(18h) bit[3] can be used to switch DACLRC and BCLK to inputs. In Slave
mode (MS=0) DACLRC and BCLK are by default configured as inputs (see Table 28).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R24 (18h)
Additional
Control (2)
3
TRIS
0
Switches DACLRC and BCLK to inputs.
0 = DACLRC and BCLK are inputs (slave mode)
or outputs (master mode)
1 = DACLRC and BCLK are inputs
Table 28 Tri-stating the Audio Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com