Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8956CGEFL/V Datasheet(PDF) 35 Page - Wolfson Microelectronics plc

Part # WM8956CGEFL/V
Description  Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8956CGEFL/V Datasheet(HTML) 35 Page - Wolfson Microelectronics plc

Back Button WM8956CGEFL/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 39Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 80 page
background image
Production Data
WM8956
w
PD, November 2011, Rev 4.1
35
The speaker output enable bits SPK_OP_EN[1:0] should not be enabled until there is a valid
switching clock to drive the class D outputs. This means that SYSCLK must be active, and DCLKDIV
set to an appropriate value to produce a class D clock of between 700kHz and 800kHz for best
performance (See "Class D Speaker Outputs" and "Clocking and Sample Rates" sections for more
information).
Whenever an analogue output is disabled, it remains connected to VREF through a resistor. This
helps to prevent pop noise when the output is re-enabled. The resistance between VREF and each
output can be controlled using the VROI bit in register 27. If a high impedance is desired for disabled
outputs, VROI can then be set to 1, increasing the resistance to about 20k
.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R27 (1Bh)
Additional (1)
6
VROI
0
VREF to Analogue Output Resistance
(Disabled Outputs)
0 = 500
 VMID to output
1 = 20k
 VMID to output
Table 21 Disabled Outputs to VREF Resistance
HEADPHONE OUTPUT
Analogue outputs HP_L/HP_R, and OUT3, can drive a 16
 or 32 headphone load, either through
DC blocking capacitors, or DC coupled without any capacitor.
Headphone Output using DC blocking capacitors
DC Coupled Headphone Output
(L2MO=0; R2MO=0)
Figure 15 Recommended Headphone Output Configurations
When DC blocking capacitors are used, then their capacitance and the load resistance together
determine the lower cut-off frequency, fc. Increasing the capacitance lowers fc, improving the bass
response. Smaller capacitance values will diminish the bass response. Assuming a 32
 load and C1,
C2 = 100
F:
fc = 1 / 2 RLC1 = 1 / (2 x 32 x 100F) = 50 Hz
In the DC coupled configuration, the headphone “ground” is connected to the OUT3 pin, which must
be enabled by setting OUT3 = 1 and muted by setting L2MO=0 and R2MO=0. As the OUT3 pin
produces a DC voltage of AVDD/2 (=VREF), there is no DC offset between HP_L/HP_R and OUT3,
and therefore no DC blocking capacitors are required. This saves space and material cost in portable
applications.
It is recommended to connect the DC coupled headphone outputs only to headphones, and not to the
line input of another device. Although the built-in short circuit protection will prevent any damage to
the headphone outputs, such a connection may be noisy, and may not function properly if the other
device is grounded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com