Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8956CGEFL/V Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM8956CGEFL/V
Description  Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8956CGEFL/V Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM8956CGEFL/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 19Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 80 page
background image
Production Data
WM8956
w
PD, November 2011, Rev 4.1
15
Figure 7 Typical Power up Sequence where DCVDD is Powered before AVDD
Figure 7 shows a typical power-up sequence where DCVDD comes up first. First it is assumed that
DCVDD is already up to specified operating voltage. When AVDD goes above the minimum
threshold, Vpora, there is enough voltage for the circuit to guarantee PORB is asserted low and the
chip is held in reset. In this condition, all writes to the control interface are ignored. When AVDD rises
to Vpora_on, PORB is released high and all registers are in their default state and writes to the control
interface may take place.
On power down, where DCVDD falls first, PORB is asserted low whenever DCVDD drops below the
minimum threshold Vpord_off.
SYMBOL
MIN
TYP
MAX
UNIT
Vpora
0.4
0.6
0.8
V
Vpora_on
0.9
1.2
1.6
V
Vpora_off
0.4
0.6
0.8
V
Vpord_on
0.5
0.7
0.9
V
Vpord_off
0.4
0.6
0.8
V
Table 1 Typical POR Operation (typical values, not tested)
Notes:
1.
If AVDD and DCVDD suffer a brown-out (i.e. drop below the minimum recommended operating
level but do not go below Vpora_off or Vpord_off) then the chip will not reset and will resume normal
operation when the voltage is back to the recommended level again.
2.
The chip will enter reset at power down when AVDD or DCVDD falls below Vpora_off or Vpord_off.
This may be important if the supply is turned on and off frequently by a power management
system.
3.
The minimum tpor period is maintained even if DCVDD and AVDD have zero rise time. This
specification is guaranteed by design rather than test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com