Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8956CGEFL/V Datasheet(PDF) 20 Page - Wolfson Microelectronics plc

Part # WM8956CGEFL/V
Description  Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8956CGEFL/V Datasheet(HTML) 20 Page - Wolfson Microelectronics plc

Back Button WM8956CGEFL/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 24Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 80 page
background image
WM8956
Production Data
w
PD, November 2011, Rev 4.1
20
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7
RMP3
0
Connect RINPUT3 to non-inverting input of
Right Input PGA
0 = RINPUT3 not connected to PGA
1 = RINPUT3 connected to PGA
(Constant input impedance)
8
RMN1
1
Connect RINPUT1 to inverting input of
Right Input PGA
0 = RINPUT1 not connected to PGA
1 = RINPUT1 connected to PGA
Table 3 Input PGA Control
INPUT PGA VOLUME CONTROLS
The input PGAs have a gain range from -17.25dB to +30dB in 0.75dB steps. The gains from the
inverting inputs (LINPUT1 and RINPUT1) to the PGA outputs and from the non-inverting inputs
(LINPUT2/RINPUT2 and LINPUT3/RINPUT3) to the PGA output are always common in differential
configuration and controlled by the register bits LINVOL[5:0] and RINVOL[5:0].
The left and right input PGAs can be independently muted using the LINMUTE and RINMUTE register
bits.
To allow simultaneous volume updates of left and right channels, PGA gains are not altered until a 1
is written to the IPVU bit.
To prevent "zipper noise", a zero-cross function is provided, so that when enabled, volume updates
will not take place until a zero-crossing is detected. In the event of a long period without zero-
crossings, a timeout function is available. When this function is enabled (using the TOEN register bit),
the volume will update automatically after a timeout. The timeout period is set by TOCLKSEL. Note
that an MCLK must be input to the device and SYSCLK running internally to use the timeout function.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R0 (00h)
Left Channel
PGA
8
IPVU
0
Input PGA Volume Update
0 = Store LINVOL in intermediate
latch (no gain change)
1 = Update left and right channel
gains (left = LINVOL, right =
intermediate latch)
7
LINMUTE
1
Left Input PGA Analogue Mute
1 = Enable Mute
0 = Disable Mute
Note: IPVU must be set to un-mute.
6
LIZC
0
Left Input PGA Zero Cross Detector
1 = Change gain on zero cross only
0 = Change gain immediately
5:0
LINVOL
[5:0]
010111
( 0dB )
Left Input PGA Volume Control
111111 = +30dB
111110 = +29.25dB
. . 0.75dB steps down to
000000 = -17.25dB
R1 (01h)
Right Channel
PGA
8
IPVU
0
Input PGA Volume Update
0 = Store RINVOL in intermediate
latch (no gain change)
1 = Update left and right channel
gains (right = RINVOL, left =
intermediate latch)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com