Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8956CGEFL/V Datasheet(PDF) 36 Page - Wolfson Microelectronics plc

Part # WM8956CGEFL/V
Description  Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8956CGEFL/V Datasheet(HTML) 36 Page - Wolfson Microelectronics plc

Back Button WM8956CGEFL/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 40Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 80 page
background image
WM8956
Production Data
w
PD, November 2011, Rev 4.1
36
CLASS D SPEAKER OUTPUTS
The class D speaker outputs SPK_LN/SPK_LP and SPK_RN/SPK_RP can drive 1W into 8
 BTL
speakers. Class D outputs reduce power consumption and maximise efficiency by reducing power
dissipated in the output drivers, delivering most of the power directly to the load. This is achieved by
pulse width modulation (PWM) of a high frequency square wave, allowing the audio signal level to be
set by controlling the pulse width. The frequency of the output waveform is controlled by DCLKDIV,
and is derived from SYSCLK.
When the speakers are close to the device (typically less than about 100mm) the internal filtering
effects of the speaker can be used. Where signals are routed over longer distances, it is
recommended to use additional passive filtering, positioned close to the WM8956, to reduce EMI. See
"Applications Information" for more information on EMI reduction.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R8 (08h)
Clocking (2)
8:6
DCLKDIV
111
Controls clock division from
SYSCLK to generate suitable class
D clock.
000 = Reserved
001 = SYSCLK / 2
010 = SYSCLK / 3
011 = SYSCLK / 4
100 = SYSCLK / 6
101 = SYSCLK / 8
110 = SYSCLK / 12
111 = SYSCLK / 16
R49 (31h)
Class D
Control (1)
7:6
SPK_OP_EN
[1:0]
00
Enable Class D Speaker Outputs
00 = Off
01 = Left speaker only
10 = Right speaker only
11 = Left and right speakers enabled
Table 22 Class D Control Registers
The class D outputs require a PWM switching clock, which is derived from SYSCLK. This clock
should not be altered or disabled while the class D outputs are enabled.
See "Clocking and Sample Rates" for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com