Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8956CGEFL/V Datasheet(PDF) 40 Page - Wolfson Microelectronics plc

Part # WM8956CGEFL/V
Description  Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8956CGEFL/V Datasheet(HTML) 40 Page - Wolfson Microelectronics plc

Back Button WM8956CGEFL/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 44Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 80 page
background image
WM8956
Production Data
w
PD, November 2011, Rev 4.1
40
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R24 (18h)
Additional
Control (2)
6
HPSWEN
0
Headphone Switch Enable
0 = Headphone switch disabled
1 = Headphone switch enabled
5
HPSWPOL
0
Headphone Switch Polarity
0 = HPDETECT high = headphone
1 = HPDETECT high = speaker
R27 (1Bh)
Additional
Control (3)
3
OUT3CAP
0
Capless Mode Headphone Switch
Enable
0 = OUT3 unaffected by jack detect
events
1 = OUT3 enabled and disabled together
with HP_L and HP_R in response to jack
detect events
R48 (30h)
Additional
Control (4)
3:2
HPSEL[1:0]
00
Headphone Switch Input Select
0X = GPIO1 used for jack detect input
(Requires pin to be configured as a
GPIO using ALRCGPIO)
10 = JD2 used for jack detect input
11 = JD3 used for jack detect input
R23 (17h)
Additional
Control (1)
0
TOEN
0
Slow Clock Enable (Must be enabled for
jack detect de-bounce)
0 = Slow Clock Disabled
1 = Slow Clock Enabled
1
TOCLKSEL
0
Slow Clock Selection (Used for volume
update timeouts and for jack detect
debounce)
0 = SYSCLK / 2
21 (Slower Response)
1 = SYSCLK / 2
19 (Faster Response)
Table 24 Headphone Jack Detect
Figure 20 Example Headset Detection Circuit using Normally-Open Switch
Figure 21 Example Headset Detection Circuit using Normally-Closed Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com