Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8956CGEFL/V Datasheet(PDF) 52 Page - Wolfson Microelectronics plc

Part # WM8956CGEFL/V
Description  Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8956CGEFL/V Datasheet(HTML) 52 Page - Wolfson Microelectronics plc

Back Button WM8956CGEFL/V Datasheet HTML 48Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 49Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 50Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 51Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 52Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 53Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 54Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 55Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 56Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 80 page
background image
WM8956
Production Data
w
PD, November 2011, Rev 4.1
52
SYSCLK
(=MCLK OR PLL OUTPUT)
(MHz)
BCLKDIV[3:0]
BCLK RATE
(MASTER MODE)
(MHz)
MAXIMUM WORD LENGTH
(AT MAXIMUM DAC
SAMPLE RATE)
12.288
0000 (=1)
12.288
32
0001 (=1.5)
8.192
32
0010 (=2)
6.144
32
0011 (=3)
4.096
32
0100 (=4)
3.072
32
0101 (=5.5)
2.2341818
20
0110 (=6)
2.048
20
0111 (=8)
1.536
16
1000 (=11)
1.117091
8
1001 (=12)
1.024
8
1010 (=16)
0.768
8
1011 (=22)
0.558545
N/A
1100 (=24)
0.512
N/A
1101 (=32)
0.384
N/A
1110 (=32)
0.384
N/A
1111 (=32)
0.384
N/A
11.2896
0000 (=1)
11.2896
32
0001 (=1.5)
7.5264
32
0010 (=2)
5.6448
32
0011 (=3)
3.7632
32
0100 (=4)
2.8224
32
0101 (=5.5)
2.052655
20
0110 (=6)
1.8816
20
0111 (=8)
1.4112
16
1000 (=11)
1.026327
8
1001 (=12)
0.9408
8
1010 (=16)
0.7056
8
1011 (=22)
0.513164
N/A
1100 (=24)
0.4704
N/A
1101 (=32)
0.3528
N/A
1110 (=32)
0.3528
N/A
1111 (=32)
0.3528
N/A
Table 33 BCLK Divider in Master Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com