Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8956CGEFL/V Datasheet(PDF) 49 Page - Wolfson Microelectronics plc

Part # WM8956CGEFL/V
Description  Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8956CGEFL/V Datasheet(HTML) 49 Page - Wolfson Microelectronics plc

Back Button WM8956CGEFL/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 46Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 47Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 48Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 49Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 50Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 51Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 52Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 53Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
Production Data
WM8956
w
PD, November 2011, Rev 4.1
49
CLOCKING AND SAMPLE RATES
Figure 34 Clocking Scheme
Clocks for the DACs, the DSP core functions, the digital audio interface and the class D outputs are
all derived from SYSCLK as show in Figure 34.
SYSCLK can either be derived directly from MCLK, or generated from a PLL using MCLK as a
reference. The clock source is selected by CLKSEL. Many commonly-used audio sample rates can
be derived directly from MCLK, while the PLL provides additional flexibility.
The DAC sample rate is selectable, relative to SYSCLK, using DACDIV. In master mode, BCLK is
also derived from SYSCLK via a programmable clock divide (BCLKDIV).
When the GPIO1 pin is configured as a GPIO, a clock derived from SYSCLK can be output on this pin
to provide clocking for other parts of the system. The frequency of this output clock is set by
OPCLKDIV.
A slow clock derived from SYSCLK is used to de-bounce the headphone detect function, and to set
the timeout period for volume updates when zero-cross functions are used. This clock is enabled by
TOEN and its frequency is set by TOCLKSEL.
The class D outputs require a clock, and this is also derived from SYSCLK via a programmable
divider (DCLKDIV) as shown in Figure 34. The class D switching clock should be set between 700kHz
and 800kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com