| Electronic Components Datasheet Search |
|
UPSD3312D Datasheet(PDF) 196 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3312D Datasheet(HTML) 196 Page - STMicroelectronics |
|
196 / 272 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) PSD module UPSD33xx 196/272 Doc ID 9685 Rev 7 27.4.26 Decode PLD (DPLD) The DPLD (Figure 63 on page 197) generates the following memory decode signals: ● Eight main Flash memory sector select signals (FS0-FS7) with three product terms each ● Four secondary Flash memory sector select signals (CSBOOT0-CSBOOT3) with three product terms each ● One SRAM select signal (RS0) with two product terms ● One select signal for the base address of 256 PSD module device control and status registers (CSIOP) with one product term ● Two external chip-select output signals for Port D pins, each with one product term (52- pin devices only have one pin on Port D) ● Two chip-select signals (PSEL0, PSEL1) used to enable the 8032 data bus repeater function (Peripheral I/O mode) for Port A on 80-pin devices. Each has one product term. A product term indicates the logical OR of two or more inputs. For example, three product terms in a DPLD output means the final output signal is capable of representing the logical OR of three different input signals, each input signal representing the logical AND of a combination of the 69 PLD inputs. Using the signal FS0 for example, the user may create a 3-product term chip select signal that is logic true when any one of three different address ranges are true... FS0 = address range 1 OR address range 2 OR address range 3. The phrase “one product term” is a bit misleading, but commonly used in this context. One product term is the logical AND of two or more inputs, with no OR logic involved at all, such as the CSIOP signal in Figure 63 on page 197. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |