Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3312D Datasheet(PDF) 194 Page - STMicroelectronics

Part # UPSD3312D
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D Datasheet(HTML) 194 Page - STMicroelectronics

Back Button UPSD3312D Datasheet HTML 190Page - STMicroelectronics UPSD3312D Datasheet HTML 191Page - STMicroelectronics UPSD3312D Datasheet HTML 192Page - STMicroelectronics UPSD3312D Datasheet HTML 193Page - STMicroelectronics UPSD3312D Datasheet HTML 194Page - STMicroelectronics UPSD3312D Datasheet HTML 195Page - STMicroelectronics UPSD3312D Datasheet HTML 196Page - STMicroelectronics UPSD3312D Datasheet HTML 197Page - STMicroelectronics UPSD3312D Datasheet HTML 198Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PSD module
UPSD33xx
194/272
Doc ID 9685 Rev 7
The AND-OR array is used to form product terms. These product terms are configured from
the logic definitions entered in PSDsoft Express. A PLD Input Bus consisting of 69 signals is
connected to both PLDs. Input signals are shown in Table 121 on page 194, both the true
and compliment versions of each of these signals are available at inputs to each PLD.
Note:
The 8032 data bus, D0 - D7, does not route directly to PLD inputs. Instead, the 8032 data
bus has indirect access to the GPLD (not the DPLD) when the 8032 reads and writes the
OMC and IMC registers within csiop address space.
27.4.25
Turbo Bit and PLDs
The PLDs can minimize power consumption by going to standby after ALL the PLD inputs
remain unchanged for an extended time (about 70ns). When the Turbo Bit is set to logic one
(Bit 3 of the csiop PMMR0 register), Turbo mode is turned off and then this automatic
standby mode is achieved. Turning off Turbo mode increases propagation delays while
reducing power consumption. The default state of the Turbo Bit is logic zero, meaning Turbo
mode is on. Additionally, four bits are available in the csiop PMMR0 and PMMR2 registers to
block the 8032 bus control signals (RD, WR, PSEN, ALE) from entering the PLDs. This
reduces power consumption and can be used only when these 8032 control signals are not
used in PLD logic equations. See Section 27.4.51: Power management on page 224.
Table 121.
DPLD and GPLD inputs
Input source
Input name
Number of
signals
8032 address bus
A0-A15
16
8032 bus control signals
PSEN, RD, WR, ALE
4
Reset from MCU module
RESET
1
Power-down from Auto-Power-down counter
PDN
1
PortA Input macrocells
(80-pin devices only)
PA0-PA7
8
PortB input macrocells
PB0-PB7
8
PortC input macrocells
PC2, PC3, PC4, PC7
4
Port D inputs
(52-pin devices have only PD1)
PD1, PD2
2
Page register
PGR0-PGR7
8
Macrocell OMC bank AB feedback
MCELLAB
FB0-7
8
Macrocell OMC bank BC feedback
MCELLBC
FB0-7
8
Flash Memory Status bit
Ready/Busy
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com