Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3312D Datasheet(PDF) 217 Page - STMicroelectronics

Part # UPSD3312D
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D Datasheet(HTML) 217 Page - STMicroelectronics

Back Button UPSD3312D Datasheet HTML 213Page - STMicroelectronics UPSD3312D Datasheet HTML 214Page - STMicroelectronics UPSD3312D Datasheet HTML 215Page - STMicroelectronics UPSD3312D Datasheet HTML 216Page - STMicroelectronics UPSD3312D Datasheet HTML 217Page - STMicroelectronics UPSD3312D Datasheet HTML 218Page - STMicroelectronics UPSD3312D Datasheet HTML 219Page - STMicroelectronics UPSD3312D Datasheet HTML 220Page - STMicroelectronics UPSD3312D Datasheet HTML 221Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD33xx
PSD module
Doc ID 9685 Rev 7
217/272
mode, making the pin suitable for input mode (read by the input buffer shown in Figure 68 on
page 208). Figure 68 shows the three sources that can control the pin output enable signal:
a product term from AND-OR array; the csiop Direction register; or the Peripheral I/O Mode
logic (Port A only). The csiop Enable Out registers represent the state of the final output
enable signal for each port pin driver, and are defined in Table 150 through Table 153.
Table 146.
Port A Pin Drive Select register (address = csiop + offset 08h)(1)(2)(3)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PA7
Open Drain
PA6
Open Drain
PA5
Open Drain
PA4
Open Drain
PA3
Slew Rate
PA2
Slew Rate
PA1
Slew Rate
PA0
Slew Rate
1.
Port A not available on 52-pin UPSD33xx devices
2.
For each bit, 1 = pin drive type is selected, 0 = pin drive type is default mode, CMOS push/pull
3.
Default state for register is 00h after reset or power-up
Table 147.
Port B Pin Drive Select register (address = csiop + offset 09h)(1)(2)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PB7
Open Drain
PB6
Open Drain
PB5
Open Drain
PB4
Open Drain
PB3
Slew Rate
PB2
Slew Rate
PB1
Slew Rate
PB0
Slew Rate
1.
For each bit, 1 = pin drive type is selected, 0 = pin drive type is default mode, CMOS push/pull
2.
Default state for register is 00h after reset or power-up
Table 148.
Port C Pin Drive Select register (address = csiop + offset 16h)(1)(2)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PC7
Open Drain
N/A (JTAG)
N/A (JTAG)
PC4
Open Drain
PC3
Open Drain
PC2
Open Drain
N/A (JTAG)
N/A (JTAG)
1.
For each bit, 1 = pin drive type is selected, 0 = pin drive type is default mode, CMOS push/pull
2.
Default state for register is 00h after reset or power-up
Table 149.
Port D Pin Drive Select register (address = csiop + offset 17h)(1)(2)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
N/A
N/A
N/A
N/A
N/A
PD2(3)
Slew Rate
PD1
Slew Rate
N/A
1.
For each bit, 1 = pin drive type is selected, 0 = pin drive type is default mode, CMOS push/pull
2.
Default state for register is 00h after reset or power-up
3.
Pin is not available on 52-pin UPSD33xx devices
Table 150.
Port A Enable Out register (address = csiop + offset 0Ch)(1)(2)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PA7 OE
PA6 OE
PA5 OE
PA4 OE
PA3 OE
PA2 OE
PA1 OE
PA0 OE
1.
For each bit, 1 = pin drive is enabled as an output, 0 = pin drive is off (high-impedance, pin used as input)
2.
Port A not available on 52-pin UPSD33xx devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com