Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3312D Datasheet(PDF) 215 Page - STMicroelectronics

Part # UPSD3312D
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D Datasheet(HTML) 215 Page - STMicroelectronics

Back Button UPSD3312D Datasheet HTML 211Page - STMicroelectronics UPSD3312D Datasheet HTML 212Page - STMicroelectronics UPSD3312D Datasheet HTML 213Page - STMicroelectronics UPSD3312D Datasheet HTML 214Page - STMicroelectronics UPSD3312D Datasheet HTML 215Page - STMicroelectronics UPSD3312D Datasheet HTML 216Page - STMicroelectronics UPSD3312D Datasheet HTML 217Page - STMicroelectronics UPSD3312D Datasheet HTML 218Page - STMicroelectronics UPSD3312D Datasheet HTML 219Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD33xx
PSD module
Doc ID 9685 Rev 7
215/272
27.4.40
Peripheral I/O mode
This mode will provide a data bus repeater function for the 8032 to interface with external
parallel peripherals. The mode is only available on Port A (80-pin devices only) and the data
bus signals, D0 - D7, are de-multiplexed (no address A0-A7). When active, this mode
behaves like a bidirectional buffer, with the direction automatically controlled by the 8032 RD
and WR signals for a specified address range. The DPLD signals PSEL0 and PSEL1
determine this address range. Figure 68 on page 208 shows the action of Peripheral I/O
mode on the Output Enable logic of the tri-state output driver for a single port pin. Figure 72
on page 215 illustrates data repeater the operation. To activate this mode, choose the pin
function “Peripheral I/O mode” in PSDsoft Express on any Port A pin (all eight pins of Port A
will automatically change to this mode). Next in PSDsoft, specify an address range for the
PSELx signals in the “Chip-Select” section of the “Design Assistant.” Specify an address
range for either PSEL0 or PSEL1. Always qualify the PSELx equation with “PSEN is logic
'1'” to ensure Peripheral I/O mode is only active during 8032 data cycles, not code cycles.
Only one equation is needed since PSELx signals are OR’ed together (Figure 72). Then in
the 8032 initialization firmware, a logic ’1’ is written to the csiop VM register, Bit 7 (PIO_EN)
as shown in Table 109 on page 162. After this, Port A will automatically perform this
repeater function whenever the 8032 presents an address (and memory page number, if
paging is used) that is within the range specified by PSELx. Once Port A is designated as
Peripheral I/O mode in PSDsoft Express, it cannot be used for other functions.
Note:
The user can alternatively connect an external parallel peripheral to the standard 8032 AD0-
AD7 pins on an 80-pin UPSD device (not Port A), but these pins have multiplexed address
and data signals, with a weaker fanout drive capability.
Figure 72.
Peripheral I/O mode
Table 145.
Latched Address output, Port B Control register (address = csiop+offset 03h)(1)(2)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PB7
(addr A7 or
A15)
PB6
(addr A6 or
A14)
PB5
(addr A5 or
A13)
PB4
(addr A4 or
A12)
PB3
(addr A3 or
A11)
PB2
(Addr A2 or
A10)
PB1
(addr A1 or
A9)
PB0
(addr A0 or
A8)
1.
For each bit, 1 = drive demuxed 8032 address signal on pin, 0 = pin is default mode, MCU I/O
2.
Default state for register is 00h after reset or power-up
PSEL1
Port
A pins
PA0 - PA7
PSEL0
VM register bit 7 (PIO EN)
8032 RD
8032 WR
8032 data
bus D0-D7
(DE-MUXED)
8
8
AI02886A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com