Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3312D Datasheet(PDF) 214 Page - STMicroelectronics

Part # UPSD3312D
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D Datasheet(HTML) 214 Page - STMicroelectronics

Back Button UPSD3312D Datasheet HTML 210Page - STMicroelectronics UPSD3312D Datasheet HTML 211Page - STMicroelectronics UPSD3312D Datasheet HTML 212Page - STMicroelectronics UPSD3312D Datasheet HTML 213Page - STMicroelectronics UPSD3312D Datasheet HTML 214Page - STMicroelectronics UPSD3312D Datasheet HTML 215Page - STMicroelectronics UPSD3312D Datasheet HTML 216Page - STMicroelectronics UPSD3312D Datasheet HTML 217Page - STMicroelectronics UPSD3312D Datasheet HTML 218Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PSD module
UPSD33xx
214/272
Doc ID 9685 Rev 7
Figure 71.
Using the Design Assistant in PSDsoft Express for simple PLD example
27.4.39
Latched address output mode
In the MCU module, the data bus Bits D0-D15 are multiplexed with the low address Bits A0-
A15, and the ALE signal is used to separate them with respect to time. Sometimes it is
necessary to send de-multiplexed address signals to external peripherals or memory
devices. Latched Address Output mode will drive individual demuxed address signals on
pins of Ports A or B. Port pins can be designated for this function on a pin-by-pin basis,
meaning that an entire port will not be sacrificed if only a few address signals are needed.
To activate this mode, the desired pins on Port A or Port B are designated as “Latched
Address Out” in PSDsoft. Then in the 8032 initialization firmware, a logic ’1’ is written to the
csiop Control register for Port A or Port B in each bit position that corresponds to the pin of
the port driving an address signal. Table 144 and Table 145 define the csiop Control register
locations and bit assignments.
The latched low address byte A4-A7 is available on both Port A and Port B. The high
address byte A8-A15 is available on Port B only. Selection of high or low address byte is
specified in PSDsoft Express.
Table 144.
Latched Address output, Port A Control register (address = csiop+offset 02h)(1)(2)(3)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PA7
(addr A7)
PA6
(addr A6)
PA5
(addr A5)
PA4
(addr A4)
PA3
(addr A3)
PA2
(Addr A2)
PA1
(addr A1)
PA0
(addr A0)
1.
Port A not available on 52-pin UPSD33xx devices
2.
For each bit, 1 = drive demuxed 8032 address signal on pin, 0 = pin is default mode, MCU I/O
3.
Default state for register is 00h after reset or power-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com