Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3312D Datasheet(PDF) 210 Page - STMicroelectronics

Part # UPSD3312D
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D Datasheet(HTML) 210 Page - STMicroelectronics

Back Button UPSD3312D Datasheet HTML 206Page - STMicroelectronics UPSD3312D Datasheet HTML 207Page - STMicroelectronics UPSD3312D Datasheet HTML 208Page - STMicroelectronics UPSD3312D Datasheet HTML 209Page - STMicroelectronics UPSD3312D Datasheet HTML 210Page - STMicroelectronics UPSD3312D Datasheet HTML 211Page - STMicroelectronics UPSD3312D Datasheet HTML 212Page - STMicroelectronics UPSD3312D Datasheet HTML 213Page - STMicroelectronics UPSD3312D Datasheet HTML 214Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PSD module
UPSD33xx
210/272
Doc ID 9685 Rev 7
Table 132.
MCU I/O Mode Port A Data In register (address = csiop + offset 00h)(1)(2)
1.
Port A not available on 52-pin UPSD33xx devices
2.
For each bit, 1 = current state of input pin is logic '1,' 0 = current state is logic ’0’
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PA7
PA6
PA5
PA4
PA3
PA2
PA1
PA0
Table 133.
MCU I/O Mode Port B Data In register (address = csiop + offset 01h)(1)
1.
For each bit, 1 = current state of input pin is logic '1,' 0 = current state is logic ’0’
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
Table 134.
MCU I/O Mode Port C Data In register (address = csiop + offset 10h)(1)(2)
1.
X = Not guaranteed value, can be read either '1' or '0.'
2.
For each bit, 1 = current state of input pin is logic '1,' 0 = current state is logic ’0’
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PC7
X
X
PC4
PC3
PC2
X
X
Table 135.
MCU I/O Mode Port D Data Inregister (address = csiop + offset 11h)(1)(2)
1.
X = Not guaranteed value, can be read either '1' or '0.'
2.
For each bit, 1 = current state of input pin is logic '1,' 0 = current state is logic ’0’
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
XX
XXX
PD2(3)
3.
Not available on 52-pin UPSD33xx devices
PD1
X
Table 136.
MCU I/O Mode Port A Data Out register (address =csiop+offset 04h)(1)(2)(3)
1.
Port A not available on 52-pin UPSD33xx devices
2.
For each bit, 1 = drive port pin to logic '1,' 0 = drive port pin to logic ’0’
3.
Default state of register is 00h after reset or power-up
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PA7
PA6
PA5
PA4
PA3
PA2
PA1
PA0
Table 137.
MCU I/O Mode Port B Data Out register (address = csiop + offset 05h)(1)(2)
1.
For each bit, 1 = drive port pin to logic '1,' 0 = drive port pin to logic ’0’
2.
Default state of register is 00h after reset or power-up
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com