Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3312D Datasheet(PDF) 208 Page - STMicroelectronics

Part # UPSD3312D
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D Datasheet(HTML) 208 Page - STMicroelectronics

Back Button UPSD3312D Datasheet HTML 204Page - STMicroelectronics UPSD3312D Datasheet HTML 205Page - STMicroelectronics UPSD3312D Datasheet HTML 206Page - STMicroelectronics UPSD3312D Datasheet HTML 207Page - STMicroelectronics UPSD3312D Datasheet HTML 208Page - STMicroelectronics UPSD3312D Datasheet HTML 209Page - STMicroelectronics UPSD3312D Datasheet HTML 210Page - STMicroelectronics UPSD3312D Datasheet HTML 211Page - STMicroelectronics UPSD3312D Datasheet HTML 212Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PSD module
UPSD33xx
208/272
Doc ID 9685 Rev 7
Figure 68.
Detail of a single I/O port (typical of Ports A, B, C)
Table 130.
Port operating modes
I/O PORT
LOGIC
O
U
T
P
U
T
M
U
X
P
D
B
M
U
X
DIRECTION
DRIVE SELECT
CONTROL
DATA OUT (MCUI/O)
ENABLE OUT
DATA IN (MCUI/O)
D BIT, PERIPH I/O MODE, Port A
PT OUTPUT ENABLE (.OE)
LATCHED ADDR BIT, PORT A or B
OE
MUX
8032
DATA
BIT
OUTPUT
DRIVER
TYPICAL
PIN
PORT A, B, C
PSD MODULE RESET
ONE of 6
CSIOP
REGISTERS
OUTPUT
SELECT
PERIPHERAL I/O
MODE SETS
DIRECTION
(PORT A ONLY)
1
2
3
4
1
2
3
4
5
6
FROM OMC OUTPUT
TO IMC
FROM PLD INPUT BUS
FROM AND-OR ARRAY
FROM OMC
ALLOCATOR
D
CLR
DIRECTION
DRIVE
CONTROL
(MCUI/O)
DATA OUT
RESET
PSDsoft
PSELx
PERIPH I/O
DATA BIT
CSIOP
REGIS-
TERS
Q
Q
Q
Q
DRIVE TYPE
8032
DATA
BITS
INPUT
BUFFER
OUTPUT ENABLE
WR
RD PIO EN
8032
WR
8032 RD
AI07873A
Port operating mode
Port A (80-pin
only)
Port B
Port C
Port D
Find it
MCU I/O
Yes
Yes
Yes
Yes
Section 27.4.37
PLD I/O
OMC MCELLAB Outputs
OMC MCELLBC Outputs
External Chip-Select Outputs
PLD Inputs
Yes
No
No
Yes
Yes
Yes
No
Yes
No
Yes(1)
No
Yes
1.
MCELLBC outputs available only on pins PC2, PC3, PC4, and PC7.
No
No
Yes
Yes
Section 27.4.38
Latched Address Output
Yes
Yes
No
No
Section 27.4.39
Peripheral I/O mode
Yes
No
No
No
Section 27.4.40
JTAG ISP
No
No
Yes(2)
2.
JTAG pins (PC0/TMS, PC1/TCK, PC5/TDI, PC6/TDO) are dedicated to JTAG pin functions (cannot be
used for general I/O).
No
Note 27.4.41
on page 216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com