Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3312D Datasheet(PDF) 206 Page - STMicroelectronics

Part # UPSD3312D
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D Datasheet(HTML) 206 Page - STMicroelectronics

Back Button UPSD3312D Datasheet HTML 202Page - STMicroelectronics UPSD3312D Datasheet HTML 203Page - STMicroelectronics UPSD3312D Datasheet HTML 204Page - STMicroelectronics UPSD3312D Datasheet HTML 205Page - STMicroelectronics UPSD3312D Datasheet HTML 206Page - STMicroelectronics UPSD3312D Datasheet HTML 207Page - STMicroelectronics UPSD3312D Datasheet HTML 208Page - STMicroelectronics UPSD3312D Datasheet HTML 209Page - STMicroelectronics UPSD3312D Datasheet HTML 210Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PSD module
UPSD33xx
206/272
Doc ID 9685 Rev 7
27.4.34
I/O ports
There are four programmable I/O ports on the PSD module: Port A (80-pin device only), Port
B, Port C, and Port D. Ports A and B are eight bits each, Port C is four bits, and Port D is two
bits for 80-pin devices or 1-bit for 52-pin devices. Each port pin is individually configurable,
thus allowing multiple functions per port. The ports are configured using PSDsoft Express
then programming with JTAG, and also by the 8032 writing to csiop registers at run-time.
Topics discussed in this section are:
●
General Port architecture
●
Port Operating modes
●
Individual Port Structure
27.4.35
General port architecture
The general architecture for a single I/O Port pin is shown in Figure 68 on page 208. Port
structures for Ports A, B, C, and D differ slightly and are shown in Figure 73 on page 219
though Figure 76 on page 223.
Figure 68 on page 208 shows four csiop registers whose outputs are determined by the
value that the 8032 writes to csiop Direction, Drive, Control, and Data Out. The I/O Port logic
contains an output mux whose mux select signal is determined by PSDsoft Express and the
csiop Control register bits at run-time. Inputs to this output mux include the following:
1.
Data from the csiop Data Out register for MCU I/O output mode (All ports)
2.
Latched de-multiplexed 8032 Address for Address Output mode (Ports A and B only)
3.
Peripheral I/O mode data bit (Port A only)
4.
GPLD OMC output (Ports A, B, and C).
Table 127.
Input Macrocell Port A (address = csiop + offset 0Ah)(1)(2)
1.
Port A not available on 52-pin UPSD33xx devices
2.
1 = current state of IMC is logic '1,' 0 = current state is logic ’0’
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
IMC PA7
IMC PA6
IMC PA5
IMC PA4
IMC PA3
IMC PA2
IMC PA1
IMC PA0
Table 128.
Input Macrocell Port B (address = csiop + offset 0Bh)(1)
1.
1 = current state of IMC is logic '1,' 0 = current state is logic ’0’
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
IMC PB7
IMC PB6
IMC PB5
IMC PB4
IMC PB3
IMC PB2
IMC PB1
IMC PB0
Table 129.
Input Macrocell Port C (address = csiop + offset 18h)(1)(2)
1.
X = Not guaranteed value, can be read either '1' or '0.' These are JTAG pins.
2.
1 = current state of IMC is logic '1,' 0 = current state is logic ’0’
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
IMC PC7
X
X
IMC PC4
IMC PC3
IMC PC2
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com