Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3312D Datasheet(PDF) 204 Page - STMicroelectronics

Part # UPSD3312D
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D Datasheet(HTML) 204 Page - STMicroelectronics

Back Button UPSD3312D Datasheet HTML 200Page - STMicroelectronics UPSD3312D Datasheet HTML 201Page - STMicroelectronics UPSD3312D Datasheet HTML 202Page - STMicroelectronics UPSD3312D Datasheet HTML 203Page - STMicroelectronics UPSD3312D Datasheet HTML 204Page - STMicroelectronics UPSD3312D Datasheet HTML 205Page - STMicroelectronics UPSD3312D Datasheet HTML 206Page - STMicroelectronics UPSD3312D Datasheet HTML 207Page - STMicroelectronics UPSD3312D Datasheet HTML 208Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PSD module
UPSD33xx
204/272
Doc ID 9685 Rev 7
27.4.32
OMC Mask registers
There is one OMC Mask register for each of the two groups of eight OMCs shown in
Table 125 and Table 126. The OMC mask registers are used to block loading of data to
individual OMCs. The default value for the mask registers is 00h, which allows loading of all
OMCs. When a given bit in a mask register is set to a '1,' the 8032 is blocked from writing to
the associated OMC flip-flop. For example, suppose that only four of eight OMCs
(MCELLAB0-3) are being used for a state machine. The user may not want the 8032 write to
all the OMCs in MCELLAB because it would overwrite the state machine registers.
Therefore, the user would want to load the mask register for MCELLAB with the value 0Fh
before writing OMCs.
Table 123.
Output Macrocell MCELLAB (address = csiop + offset 20h)(1)
1.
All bits clear to logic ’0’ at power-on reset, but do not clear after warm reset conditions (non-power-on
reset)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
MCELLAB
7
MCELLAB
6
MCELLAB
5
MCELLAB
4
MCELLAB
3
MCELLAB
2
MCELLAB
1
MCELLAB
0
Table 124.
Output Macrocell MCELLAC (address = csiop + offset 21h)(1)
1.
All bits clear to logic ’0’ at power-on reset, but do not clear after warm reset conditions (non-power-on
reset)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
MCELLBC
7
MCELLBC
6
MCELLBC
5
MCELLBC
4
MCELLBC
3
MCELLBC
2
MCELLBC
1
MCELLBC
0
Table 125.
Output Macrocell MCELLAB Mask register (address = csiop + offset
22h)(1)(2)
1.
Default is 00h after any reset condition;
2.
1 = block writing to individual macrocell, 0 = allow writing to individual macrocell
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mask
MCELLAB
7
Mask
MCELLAB
6
Mask
MCELLAB
5
Mask
MCELLAB
4
Mask
MCELLAB
3
Mask
MCELLAB
2
Mask
MCELLAB
1
Mask
MCELLAB
0
Table 126.
Output Macrocell MCELLBC Mask register (address = csiop + offset
23h)(1)(2)
1.
Default is 00h after any reset condition;
2.
1 = block writing to individual macrocell, 0 = allow writing to individual macrocell
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mask
MCELLBC
7
Mask
MCELLBC
6
Mask
MCELLBC
5
Mask
MCELLBC
4
Mask
MCELLBC
3
Mask
MCELLBC
2
Mask
MCELLBC
1
Mask
MCELLBC
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com