Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S25FL002D0FMAI011 Datasheet(PDF) 26 Page - SPANSION

Part # S25FL002D0FMAI011
Description  2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL002D0FMAI011 Datasheet(HTML) 26 Page - SPANSION

Back Button S25FL002D0FMAI011 Datasheet HTML 22Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 23Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 24Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 25Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 26Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 27Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 28Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 29Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 30Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
26
S25FL Family (Serial Peripheral Interface)
30167A+1 June 9, 2004
P r el i m i n a r y
I n fo r m a t i o n
Power-up and Power-down
The device must not be selected at power-up or power-down (that is, CS# must
follow the voltage applied on VCC) until VCC reaches the minimum correct value,
as follows:
VCC (min) at power-up, and then for a further delay of tPU (as described in
Table 7)
VSS at power-down
A simple pull-up resistor on Chip Select (CS#) can usually be used to insure safe
and proper power-up and power-down. To avoid data corruption and inadvertent
write operations during power up, a Power On Reset (POR) circuit is included. The
logic inside the device is held reset while VCC is less than the POR threshold value
(VPOR). All operations are disabled, and the device does not respond to any
instructions.
The device ignores all instructions until a time delay of tPU (as described in Table
7) has elapsed after the moment that VCC rises above the minimum VCC thresh-
old. However, correct operation of the device is not guaranteed if by this time VCC
is still below VCC (min). No Read, Write Status Register, Program or Erase instruc-
tions should be sent until tPU after VCC reaches the minimum VCC threshold.
At power-up, the device is in Standby mode (not Software Protect mode) and the
WEL bit is reset.
Normal precautions must be taken for supply rail decoupling to stabilize the VCC
feed. Each device in a system should have the VCC rail decoupled by a suitable
capacitor close to the package pins (this capacitor is generally of the order of 0.1
µF).
At power-down, when VCC drops from the operating voltage to below the mini-
mum VCC threshold, all operations are disabled and the device does not respond
to any instructions. (The designer needs to be aware that if a power-down occurs
while a Write, Program or Erase cycle is in progress, data corruption can result.)
Figure 17. Power-Up Timing
VCC
VCC (max)
VCC (min)
*Note:
Program, Erase, and Write Commands are not allowed and are not recommended during this period,
as the state of the device operation is unknown during tPU.
Device fully
accessible
time
tPU
VPOR
Reset State of the Device
*Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com