Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S25FL002D0FMAI011 Datasheet(PDF) 10 Page - SPANSION

Part # S25FL002D0FMAI011
Description  2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL002D0FMAI011 Datasheet(HTML) 10 Page - SPANSION

Back Button S25FL002D0FMAI011 Datasheet HTML 6Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 7Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 8Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 9Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 10Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 11Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 12Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 13Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
10
S25FL Family (Serial Peripheral Interface)
30167A+1 June 9, 2004
P r el i m i n a r y
I n fo r m a t i o n
Protection Modes
The SPI memory device boasts the following data protection mechanisms:
All instructions that modify data must be preceded by a Write Enable (WREN)
instruction to set the Write Enable Latch (WEL) bit. This bit is returned to its
reset state by the following events:
—Power-up
— Write Disable (WRDI) instruction completion
— Write Status Register (WRSR) instruction completion
— Page Program (PP) instruction completion
— Sector Erase (SE) instruction completion
— Bulk Erase (BE) instruction completion
The Block Protect (BP1, BP0) bits allow part of the memory to be configured
as read-only. This is the Software Protected Mode (SPM).
The Write Protect (W#) signal works in cooperation with the Status Register
Write Disable (SRWD) bit to enable write-protection. This is the Hardware
Protected Mode (HPM).
Program, Erase and Write Status Register instructions are checked to verify
that they consist of a number of clock pulses that is a multiple of eight, before
they are accepted for execution.
Table 1. Protected Area Sizes (S25FL002D).
Table 2. Protected Area Sizes (S25FL001D).
Note:The device is ready to accept a Bulk Erase (BE) instruction, if and only if, both Block Protect (BP1 and BP0) are 0.
Hold Condition Modes
The Hold (HOLD#) signal is used to pause any serial communications with the
device without resetting the clocking sequence. Hold (HOLD#) signal gates the
clock input to the device. However, taking this signal Low does not terminate any
Write Status Register, Program or Erase Cycle that is currently in progress.
Protected
Memory
Area
Status Register Content
Memory Content
BP1 Bit
BP0 Bit
Protected Area
Unprotected Area
0%
0
0
none
00000–3FFFF
25%
0
1
30000–3FFFF
00000–2FFFF
50%
1
0
20000–3FFFF
00000–1FFFF
100%
1
1
00000–3FFFF
none
Protected
Memory
Area
Status Register Content
Memory Content
BP1 Bit
BP0 Bit
Protected Area
Unprotected Area
0%
0
0
none
00000–1FFFF
25%
0
1
18000–1FFFF
00000–17FFF
50%
1
0
10000–1FFFF
00000–0FFFF
100%
1
1
00000–1FFFF
none



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com