Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S25FL002D0FMAI011 Datasheet(PDF) 23 Page - SPANSION

Part # S25FL002D0FMAI011
Description  2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL002D0FMAI011 Datasheet(HTML) 23 Page - SPANSION

Back Button S25FL002D0FMAI011 Datasheet HTML 19Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 20Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 21Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 22Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 23Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 24Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 25Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 26Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 27Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
June 9, 2004 30167A+1
S25FL Family (Serial Peripheral Interface)
23
Pre limin ary
I n f o r m a t ion
Any Software Protect (SP) instruction, while an Erase, Program or WRSR cycle is
in progress, is rejected without having any effect on the cycle in progress.
Figure 14. Software Protection (SP) Instruction Sequence
Release from Software Protect (RES)
The Release from Software Protect (RES) instruction provides the only way to exit
the Software Protect mode. Once the device has entered the Software Protect
mode, all instructions are ignored except the Release from Software Protect
(RES) instruction.
The Release from Software Protect (RES) instruction is entered by driving Chip
Select (CS#) Low, followed by the instruction code on Serial Data Input (SI). Chip
Select (CS#) must be driven Low for the entire duration of the sequence.
The instruction sequence is shown in Figure 15.
Driving Chip Select (CS#) High after the 8-bit instruction byte has been received
by the device, but before the whole of the 8-bit Electronic Signature has been
transmitted for the first time, still insures that the device is put into Standby
mode. If the device was previously in the Software Protect mode, though, the
transition to the Stand-by Power mode is delayed by tRES, and Chip Select (CS#)
must remain High for at least tRES(max), as specified in Table 7. Once in the Stand-
by Power mode, the device waits to be selected, so that it can receive, decode
and execute instructions.
CS#
SCK
SI
Standby Mode
Software Protect Mode
Instruction
0
1
23
4
5
6
7
tSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com