Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S25FL002D0FMAI011 Datasheet(PDF) 18 Page - SPANSION

Part # S25FL002D0FMAI011
Description  2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL002D0FMAI011 Datasheet(HTML) 18 Page - SPANSION

Back Button S25FL002D0FMAI011 Datasheet HTML 14Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 15Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 16Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 17Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 18Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 19Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 20Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 21Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 22Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
18
S25FL Family (Serial Peripheral Interface)
30167A+1 June 9, 2004
P r el i m i n a r y
I n fo r m a t i o n
shifted out on Serial Data Output (SO), each bit being shifted out, at a frequency
fSCK, during the falling edge of Serial Clock (SCK).
The instruction sequence is shown in Figure 9. The first byte addressed can be at
any location. The address is automatically incremented to the next higher ad-
dress after each byte of data is shifted out. The whole memory can, therefore, be
read with a single Read Data Bytes (READ) instruction. When the highest address
is reached, the address counter rolls over to 00000h, allowing the read sequence
to be continued indefinitely.
The Read Data Bytes (READ) instruction is terminated by driving Chip Select
(CS#) High. Chip Select (CS#) can be driven High at any time during data output.
Any Read Data Bytes (READ) instruction, while a Program, Erase, or Write cycle
is in progress, is rejected without having any effect on the cycle that is in
progress.
Figure 9. Read Data Bytes (READ) Instruction Sequence
Read Data Bytes at Higher Speed (FAST_READ)
The Fast Read (FAST_READ) instruction implemented in this device is compatible
with industry standard Fast Read (FAST_READ) operations. The device is first se-
lected by driving Chip Select (CS#) Low. The instruction code for (FAST_READ)
instruction is followed by a 3-byte address (A23-A0 for 2Mbit devices) and a
dummy byte, each bit being latched-in during the rising edge of Serial Clock
(SCK). Then the memory contents, at that address, are shifted out on Serial Data
Output (SO), each bit being shifted out, at a maximum frequency FSCK, during
the falling edge of Serial Clock (SCK).
The instruction sequence is shown in Figure 10. The first byte addressed can be
at any location. The address is automatically incremented to the next higher ad-
dress after each byte of data is shifted out. The whole memory can, therefore, be
read with a single (FAST_READ) instruction. When the highest address is
reached, the address counter rolls over to 00000h, allowing the read sequence to
be continued indefinitely.
The (FAST_READ) instruction is terminated by driving Chip Select (CS#) High.
Chip Select (CS#) can be driven High at any time during data output. Any
Instruction
24-Bit Address
High Impedance
MSB
MSB
Data Out 1
Data Out 2
0
31 32 33 34 35 36 37 38 39
30
23
28
10
9
8
7
6
5
4
3
2
1
7 6 5
23 22 21
4
3 2
1 0
3
2
1 0 7
SO
SI
SCK
CS#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com