Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S25FL002D0FMAI011 Datasheet(PDF) 27 Page - SPANSION

Part # S25FL002D0FMAI011
Description  2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL002D0FMAI011 Datasheet(HTML) 27 Page - SPANSION

Back Button S25FL002D0FMAI011 Datasheet HTML 23Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 24Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 25Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 26Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 27Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 28Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 29Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 30Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 31Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
June 9, 2004 30167A+1
S25FL Family (Serial Peripheral Interface)
27
Pre limin ary
I n f o r m a t ion
Table 7. Power-Up Timing
Initial Delivery State
The device is delivered with all bits set to 1 (each byte contains FFh). The Status
Register contains 00h (all Status Register bits are 0).
Maximum Rating
Stressing the device above the rating listed in the Absolute Maximum Ratings
section below may cause permanent damage to the device. These are stress rat-
ings only and operation of the device at these or any other conditions above those
indicated in the Operating sections of this specification is not implied. Exposure
to Absolute Maximum Rating conditions for extended periods may affect device
reliability
Absolute Maximum Ratings
Ambient Storage Temperature . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Voltage with Respect to Ground:
All Inputs and I/Os. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to 4.5 V
Operating Ranges
Ambient Operating Temperature (TA)
Commercial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Industrial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –40°C to +85°C
Positive Power Supply
Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2.7 V to 3.6 V
Operating ranges define those limits between which functionality of the device is guaranteed.
Symbol
Parameter
Min
Max
Unit
tPU
VCC (min) to CS# Low
2
ms
VPOR
POR Threshold Value
2.2
2.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com